Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 74 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 74 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 70Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 71Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 72Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 73Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 74Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 75Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 76Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 77Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 269 page
background image
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
3.5
RMIIn Reset Registers (RMIIRESET0 and RMIIRESET1)
RMII supports switching of 10/100 Mbps modes and switching between half and full-duplex. The
RMIIRESET0 and RMIIRESET1 registers are used to reset the RMII interface to switch the speed and
duplex settings. The selection of 10/100 Mbps and half- and full-duplex modes is determined by registers
in the EMAC modules. For more information, see the TMS320C6472/TMS320TCI6486 DSP Ethernet
Media Access Controller (EMAC)/Management Data Input/Output (MDIO) Module User's Guide (literature
number SPRUEF8).
31
16
Reserved
R-0
15
1
0
Reserved
RESET
R-0
R/W-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Figure 3-4. RMIIn Reset Registers (RMIIRESET0 and RMIIRESET1)
Table 3-10. RMIIn Reset Registers (RMIIRESET0 and RMIIRESET1) Field Descriptions
Bit
Field
Value
Description
31:1
Reserved
Reserved
0
RESET
RMII Reset
0
Reset is deasserted.
1
Reset is asserted.
74
Device Configuration
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com