Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 75 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 75 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 71Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 72Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 73Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 74Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 75Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 76Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 77Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 78Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
3.6
Memory Privilege Registers
3.6.1
Host Memory Privilege Permission Register (HOSTPRIV)
Memory privilege is an extension of the memory protection defined in the C64x+ megamodule. It defines
the supervisor user mode privilege required to access peripherals that do not inherently have the
protection built in. For more information, see the TMS320C64x+ DSP Megamodule Reference Guide
(literature number SPRU871).
The host memory privilege permission register (HOSTPRIV) configures host memory privilege modes.
HOSTPRIV defines the privilege to be used when an external host uses direct IO with SRIO or HPI to
access any on-chip memory or peripherals or external memory via the EMIF. Writing a 1 makes
supervisor-mode accesses from the peripheral; writing a 0 makes user-mode accesses from the
peripheral. The default for these bits is supervisor-mode access.
31
16
Reserved
R-1111 1111 1111 1111 1111 1111 1111 11
15
2
1
0
Reserved
SRIO
HPI
R-1111 1111 1111 1111 1111 1111 1111 11
R/W-1
R/W-1
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Figure 3-5. Host Memory Privilege Permission Register (HOSTPRIV)
Copyright
© 2009–2011, Texas Instruments Incorporated
Device Configuration
75
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com