Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 98 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 98 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 94Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 95Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 96Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 97Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 98Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 99Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 100Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 101Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 269 page
background image
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
The L2 memory configuration for the C6472 device is as follows:
•
Port 0 configuration:
– Memory size is 608KB
– Starting address is 0080 0000h
– 2-cycle latency
– 4 × 128-bit bank configuration
•
Port 1 configuration:
– Memory size 768K ROM, starting address is 0010 0000h
– Memory size is 768KB shared RAM, starting address is 0020 0000h
– 1-cycle latency
– 4 × 256-bit bank configuration
Table 5-1. SL2 Prefetch Enabled Memory Regions
HEX ADDRESS RANGE
DESCRIPTION
ROM
0010 0000 - 0010 FFFF
Shared Memory Controller Page 0
0011 0000 - 0011 FFFF
Shared Memory Controller Page 1
0012 0000 - 0012 FFFF
Shared Memory Controller Page 2
0013 0000 - 0013 FFFF
Shared Memory Controller Page 3
0014 0000 - 0014 FFFF
Shared Memory Controller Page 4
0015 0000 - 0015 FFFF
Shared Memory Controller Page 5
0016 0000 - 0016 FFFF
Shared Memory Controller Page 6
0017 0000 - 0017 FFFF
Shared Memory Controller Page 7
0018 0000 - 0018 FFFF
Shared Memory Controller Page 8
0019 0000 - 0019 FFFF
Shared Memory Controller Page 9
001A 0000 - 001A FFFF
Shared Memory Controller Page 10
001B 0000 - 001B FFFF
Shared Memory Controller Page 11
001C 0000 - 001F FFFF
Reserved
RAM
0020 0000 - 0020 FFFF
Shared Memory Controller Page 16
0021 0000 - 0021 FFFF
Shared Memory Controller Page 17
0022 0000 - 0022 FFFF
Shared Memory Controller Page 18
0023 0000 - 0023 FFFF
Shared Memory Controller Page 19
0024 0000 - 0024 FFFF
Shared Memory Controller Page 20
0025 0000 - 0025 FFFF
Shared Memory Controller Page 21
0026 0000 - 0026 FFFF
Shared Memory Controller Page 22
0027 0000 - 0027 FFFF
Shared Memory Controller Page 23
0028 0000 - 0028 FFFF
Shared Memory Controller Page 24
0029 0000 - 0029 FFFF
Shared Memory Controller Page 25
002A 0000 - 002A FFFF
Shared Memory Controller Page 26
002B 0000 - 002B FFFF
Shared Memory Controller Page 27
002C 0000 - 002F FFFF
Reserved
98
C64x+ Megamodule
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com