Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS28F008AST Datasheet(PDF) 30 Page - Texas Instruments

Part # TMS28F008AST
Description  AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS28F008AST Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMS28F008AST Datasheet HTML 26Page - Texas Instruments TMS28F008AST Datasheet HTML 27Page - Texas Instruments TMS28F008AST Datasheet HTML 28Page - Texas Instruments TMS28F008AST Datasheet HTML 29Page - Texas Instruments TMS28F008AST Datasheet HTML 30Page - Texas Instruments TMS28F008AST Datasheet HTML 31Page - Texas Instruments TMS28F008AST Datasheet HTML 32Page - Texas Instruments TMS28F008AST Datasheet HTML 33Page - Texas Instruments TMS28F008AST Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
TMS28F008Axy,TMS28F800Axy
1048576 BY 8BIT/524288 BY 16BIT
AUTOSELECT BOOT BLOCK FLASH MEMORIES
SMJS851A − NOVEMBER 1997 − REVISED FEBRUARY 1998
30
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
power-up and reset switching characteristics for TMS28F008ASy or ’AEy and TMS28F800ASy or
’AEy over recommended ranges of supply voltage (commercial and extended temperature ranges)
(see Notes 10, 11, and 12)
PARAMETER
ALT.
SYMBOL
’28F008AEy 70
’28F800AEy 70
’28F008ASy 70
’28F800ASy 70
’28F008AEy 80
’28F800AEy 80
’28F008ASy 80
’28F800ASy 80
UNIT
PARAMETER
ALT.
SYMBOL
3 V/3.3-V VCC
RANGE
5-V VCC
RANGE
3 V/3.3-V VCC
RANGE
5-V VCC
RANGE
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tsu(VCC)
Setup time, RP low to VCC at
3 V MIN or 3.6 V MAX)
(see Note 13)
tPL5V
tPL3V
0
0
0
0
ns
ta(DV)
Address valid to data valid
tAVQV
100
70
120
80
ns
tsu(DV)
Setup time, RP high to data
valid
tPHQV
800
450
800
450
ns
th(RP5)
Hold time, VCC at 4.5 V (MIN)
to RP high
t5VPH
2
2
2
2
µs
th(RP3)
Hold time, VCC at 3 V (MIN) to
RP high
t3VPH
2
2
2
2
µs
NOTES: 10. Characterization data available
11. All ac current values are RMS unless otherwise noted.
12. E and G are switched low after power up.
13. The power supply can switch low concurrently with RP going low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com