Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS28F008AST Datasheet(PDF) 31 Page - Texas Instruments

Part # TMS28F008AST
Description  AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS28F008AST Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMS28F008AST Datasheet HTML 27Page - Texas Instruments TMS28F008AST Datasheet HTML 28Page - Texas Instruments TMS28F008AST Datasheet HTML 29Page - Texas Instruments TMS28F008AST Datasheet HTML 30Page - Texas Instruments TMS28F008AST Datasheet HTML 31Page - Texas Instruments TMS28F008AST Datasheet HTML 32Page - Texas Instruments TMS28F008AST Datasheet HTML 33Page - Texas Instruments TMS28F008AST Datasheet HTML 34Page - Texas Instruments TMS28F008AST Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
TMS28F008Axy,TMS28F800Axy
1048576 BY 8BIT/524288 BY 16BIT
AUTOSELECT BOOT BLOCK FLASH MEMORIES
SMJS851A − NOVEMBER 1997 − REVISED FEBRUARY 1998
31
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
switching characteristics for TMS28F008ASy or ’AEy and TMS28F800ASy or ’AEy over
recommended ranges of supply voltage (commercial and extended temperature ranges)
read operations
PARAMETER
ALT.
’28F008ASy 70
’28F800ASy 70
’28F008AEy 70
’28F800AEy 70
’28F008ASy 80
’28F800ASy 80
’28F008AEy 80
’28F800AEy 80
UNIT
PARAMETER
ALT.
SYMBOL
3 V
5 V
3 V
5 V
UNIT
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
ta(A)
Access time, from A0 − A18
(see Note 14)
tAVQV
100
70
120
80
ns
ta(E)
Access time, from CE
tELQV
100
70
120
80
ns
ta(G)
Access time, from OE
tGLQV
65
35
65
40
ns
tc(R)
Cycle time, read
tAVAV
100
70
120
80
ns
td(E)
Delay time, CE low to
low-impedance output
tELQX
0
0
0
0
ns
td(G)
Delay time, OE low to
low-impedance output
tGLQX
0
0
0
0
ns
tdis(E)
Disable time, CE to
high-impedance output
tEHQZ
55
25
55
30
ns
tdis(G)
Disable time, OE to
high-impedance output
tGHQZ
45
25
45
30
ns
th(D)
Hold time, DQ valid from
A0 − A17, CE, or OE,
whichever occurs first
(see Note 14)
tAXQX
0
0
0
0
ns
tsu(EB)
Setup time, BYTE from CE
low
tELFL
tELFH
7
5
5
5
ns
td(RP)
Delay time, output from RP
high
tPHQV
800
450
800
450
ns
tdis(BL)
Disable time, BYTE low to
DQ8 − DQ15 in the
high-impedance state
tFLQZ
100
70
120
80
ns
ta(BH)
Access time, from BYTE
going high
tFHQV
100
70
120
80
ns
NOTE 14: For 28F800 (8-bit configuration) A−1, A−1 −A18 with A−1 as LSB address. For 28F008 (16-bit configuration): A0−A19 with A0 as LSB
address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com