Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS28F008AST Datasheet(PDF) 12 Page - Texas Instruments

Part # TMS28F008AST
Description  AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS28F008AST Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMS28F008AST Datasheet HTML 8Page - Texas Instruments TMS28F008AST Datasheet HTML 9Page - Texas Instruments TMS28F008AST Datasheet HTML 10Page - Texas Instruments TMS28F008AST Datasheet HTML 11Page - Texas Instruments TMS28F008AST Datasheet HTML 12Page - Texas Instruments TMS28F008AST Datasheet HTML 13Page - Texas Instruments TMS28F008AST Datasheet HTML 14Page - Texas Instruments TMS28F008AST Datasheet HTML 15Page - Texas Instruments TMS28F008AST Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
TMS28F008Axy,TMS28F800Axy
1048576 BY 8BIT/524288 BY 16BIT
AUTOSELECT BOOT BLOCK FLASH MEMORIES
SMJS851A − NOVEMBER 1997 − REVISED MARCH 1998
12
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
block memory maps (continued)
Main Block
128K Addresses
Parameter Block
8K Addresses
Boot Block
16K Addresses
FFFFFh
E0000h
DFFFFh
C0000h
BFFFFh
A0000h
9FFFFh
80000h
7FFFFh
60000h
5FFFFh
40000h
3FFFFh
20000h
1FFFFh
08000h
7FFFh
06000h
5FFFh
04000h
3FFFh
00000h
Address
Range
8-bit Configuration
DQ15/A −1 Is LSB Address
7FFFFh
70000h
6FFFFh
60000h
5FFFFh
50000h
4FFFFh
40000h
3FFFFh
30000h
2FFFFh
20000h
1FFFFh
10000h
0FFFFh
04000h
03FFFh
03000h
02FFFh
02000h
01FFFh
00000h
Address
Range
16-bit Configuration
A0 Is LSB Address
Main Block
96K Addresses
Main Block
128K Addresses
Main Block
128K Addresses
Main Block
128K Addresses
Main Block
128K Addresses
Main Block
128K Addresses
Main Block
128K Addresses
Parameter Block
8K Addresses
Boot Block
8K Addresses
Parameter Block
4K Addresses
Parameter Block
4K Addresses
Main Block
48K Addresses
Main Block
64K Addresses
Main Block
64K Addresses
Main Block
64K Addresses
Main Block
64K Addresses
Main Block
64K Addresses
Main Block
64K Addresses
Main Block
64K Addresses
NOTE A: ’28F008Axy is offered in a 40-pin TSOP package, 8-bit configuration only, and A0 is LSB adddress.
Figure 2. TMS28F008AxB and TMS28F800AxB (Bottom Boot Block ) Memory Map
boot-block data protection
The 16K-byte boot block can be used to store key system data that is seldom changed in normal operation. Data
in this block can be secured by using different combinations of the reset/deep power-down pin (RP), the write
protect pin (WP) and VPP supply levels. Table 2 provides a list of these combinations.
parameter block
Two parameter blocks of 8K bytes each can be used like a scratch pad to store frequently updated data.
Alternatively, the parameter blocks can be used for additional boot- or main-block data. If a parameter block is
used to store additional boot-block data, caution must be exercised because the parameter block does not have
the boot-block data-protection safety feature.
main block
Primary memory on the TMS28F800Axy is located in eight main blocks. Seven of the blocks have storage
capacity for 128K bytes and the eighth block has storage capacity for 96K bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com