Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS570LS0232PZ Datasheet(PDF) 17 Page - Texas Instruments

Part # TMS570LS0232PZ
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0232PZ Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMS570LS0232PZ Datasheet HTML 13Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 14Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 15Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 16Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 17Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 18Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 19Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 20Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 109 page
background image
TMS570LS0232
www.ti.com
SPNS242A – OCTOBER 2014 – REVISED JUNE 2015
4.3.2
General Rules for Multiplexing Control Registers
•
The PINMMR control registers can only be written in privileged mode. A write in a nonprivileged mode will
generate an error response.
•
If the application writes all 0s to any PINMMR control register, then the default functions are selected for the
affected pins.
•
Each byte in a PINMMR control register is used to select the functionality for a given pin. If the application sets
more than 1 bit within a byte for any pin, then the default function is selected for this pin.
•
Some bits within the PINMMR registers could be associated with internal pads that are not brought out in the 100-
pin package. As a result, bits marked reserved should not be written as 1.
4.4
Special Multiplexed Options
Special controls are implemented to affect particular functions on this microcontroller. These controls are
described in this section.
4.4.1
Filtering for eQEP Inputs
4.4.1.1
eQEPA Input
•
When PINMMR8[0] = 1, the eQEPA input is double-synchronized using VCLK.
•
When PINMMR8[0] = 0 and PINMMR8[1] = 1, the eQEPA input is double-synchronized and then qualified through
a fixed 6-bit counter using VCLK.
•
PINMMR8[0] = 0 and PINMMR8[1] = 0 is an illegal combination and behavior defaults to PINMMR8[0] = 1.
4.4.1.2
eQEPB Input
•
When PINMMR8[8] = 1, the eQEPB input is double-synchronized using VCLK.
•
When PINMMR8[8] = 0 and PINMMR8[9] = 1, the eQEPB input is double-synchronized and then qualified through
a fixed 6-bit counter using VCLK.
•
PINMMR8[8] = 0 and PINMMR8[9] = 0 is an illegal combination and behavior defaults to PINMMR8[8] = 1.
4.4.1.3
eQEPI Input
•
When PINMMR8[16] = 1, the eQEPI input is double-synchronized using VCLK.
•
When PINMMR8[16] = 0 and PINMMR8[17] = 1, the eQEPI input is double-synchronized and then qualified
through a fixed 6-bit counter using VCLK.
•
PINMMR8[16] = 0 and PINMMR8[17] = 0 is an illegal combination and behavior defaults to PINMMR8[16] = 1.
4.4.1.4
eQEPS Input
•
When PINMMR8[24] = 1, the eQEPS input is double-synchronized using VCLK.
•
When PINMMR8[24] = 0 and PINMMR8[25] = 1, the eQEPS input is double-synchronized and then qualified
through a fixed 6-bit counter using VCLK.
•
PINMMR8[24] = 0 and PINMMR8[25] = 0 is an illegal combination and behavior defaults to PINMMR8[24] = 1.
4.4.2
N2HET PIN_nDISABLE Input Port
•
When PINMMR9[0] = 1, GIOA[5] is connected directly to N2HET PIN_nDISABLE input of the N2HET module.
•
When PINMMR9[0] = 0 and PINMMR9[1] = 1, EQEPERR is inverted and double-synchronized using VCLK before
connecting directly to the N2HET PIN_nDISABLE input of the N2HET module.
•
PINMMR9[0] = 0 and PINMMR9[1] = 0 is an illegal combination and behavior defaults to PINMMR9[0] = 1.
Copyright © 2014–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
17
Submit Documentation Feedback
Product Folder Links: TMS570LS0232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com