Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS570LS0232PZ Datasheet(PDF) 19 Page - Texas Instruments

Part # TMS570LS0232PZ
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0232PZ Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMS570LS0232PZ Datasheet HTML 15Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 16Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 17Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 18Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 19Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 20Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 21Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 22Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 109 page
background image
TMS570LS0232
www.ti.com
SPNS242A – OCTOBER 2014 – REVISED JUNE 2015
5.4
Recommended Operating Conditions
(1)
MIN
NOM
MAX
UNIT
VCC
Digital logic supply voltage (Core)
1.14
1.2
1.32
V
VCCIO
Digital logic supply voltage (I/O)
3
3.3
3.6
V
VCCAD / VADREFHI
MibADC supply voltage / A-to-D high-voltage reference source
3
3.3
3.6
V
VCCP
Flash pump supply voltage
3
3.3
3.6
V
VSS
Digital logic supply ground
0
V
VSSAD / VADREFLO
MibADC supply ground / A-to-D low-voltage reference source
–0.1
0.1
V
VSLEW
Maximum positive slew rate for VCCIO, VCCAD and VCCP supplies
1
V/µs
TA
Operating free-air temperature
–40
125
°C
TJ
Operating junction temperature(2)
–40
150
°C
(1)
All voltages are with respect to VSS, except VCCAD, which is with respect to VSSAD
(2)
Reliability data is based upon a temperature profile that is equivalent to 100,000 power-on hours at 105°C junction temperature.
5.5
Switching Characteristics Over Recommended Operating Conditions for Clock Domains
Table 5-1. Clock Domains Timing Specifications
PARAMETER
CONDITIONS
MIN
MAX
UNIT
fHCLK
HCLK - System clock frequency
80
MHz
GCLK - CPU clock frequency (ratio fGCLK : fHCLK =
fGCLK
fHCLK
MHz
1:1)
fVCLK
VCLK - Primary peripheral clock frequency
80
MHz
fVCLK2
VCLK2 - Secondary peripheral clock frequency
80
MHz
VCLKA1 - Primary asynchronous peripheral clock
fVCLKA1
80
MHz
frequency
fRTICLK
RTICLK - clock frequency
fVCLK
MHz
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
19
Submit Documentation Feedback
Product Folder Links: TMS570LS0232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com