Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS570LS1114 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 22Page - Texas Instruments TMS570LS1114 Datasheet HTML 23Page - Texas Instruments TMS570LS1114 Datasheet HTML 24Page - Texas Instruments TMS570LS1114 Datasheet HTML 25Page - Texas Instruments TMS570LS1114 Datasheet HTML 26Page - Texas Instruments TMS570LS1114 Datasheet HTML 27Page - Texas Instruments TMS570LS1114 Datasheet HTML 28Page - Texas Instruments TMS570LS1114 Datasheet HTML 29Page - Texas Instruments TMS570LS1114 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 169 page
background image
TMS570LS1114
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
www.ti.com
4.3.2.3
Enhanced Capture Modules (eCAP)
Table 4-22. ZWT Enhanced Capture Modules (eCAP)(1)
Terminal
Signal
Reset Pull
Pull Type
Description
Type
State
Signal Name
337
ZWT
N2HET1[15]/MIBSPI1NCS[4]/ECAP1
N1
I/O
Pull Down
Fixed 20 µA
Enhanced Capture
Pull Up
Module 1 I/O
MIBSPI3SOMI[0]/AWM1_EXT_ENA/ECAP2
V8
I/O
Pull Up
Enhanced Capture
Module 2 I/O
MIBSPI3SIMO[0]/AWM1_EXT_SEL[0]/ECAP3
W8
I/O
Enhanced Capture
Module 3 I/O
MIBSPI1NENA/N2HET1[23]/ECAP4
G19
I/O
Enhanced Capture
Module 4 I/O
MIBSPI5NENA/MIBSPI5SOMI[1]/ ECAP5
H18
I/O
Enhanced Capture
Module 5 I/O
MIBSPI1NCS[0]/MIBSPI1SOMI[1]/ ECAP6
R2
I/O
Enhanced Capture
Module 6 I/O
(1)
These signals, when used as inputs, are double-synchronized and then optionally filtered with a 6-cycle VCLK4-based counter.
4.3.2.4
Enhanced Quadrature Encoder Pulse Modules (eQEP)
Table 4-23. ZWT Enhanced Quadrature Encoder Pulse Modules (eQEP)(1)
Terminal
Signal
Reset Pull
Pull Type
Description
Type
State
Signal Name
337
ZWT
MIBSPI3CLK/AWM1_EXT_SEL[1]/EQEP1A
V9
Input
Pull Up
Fixed 20 µA
Enhanced QEP1 Input A
Pull Up
MIBSPI3NENA/MIBSPI3NCS[5]/N2HET1[31]/EQEP1B
W9
Input
Enhanced QEP1 Input B
MIBSPI3NCS[0]/AD2EVT/GIOB[2]/
V10
I/O
Enhanced QEP1 Index
EQEP1I/N2HET2_PIN_nDIS
MIBSPI1NCS[1]/N2HET1[17]/ EQEP1S
F3
I/O
Enhanced QEP1 Strobe
N2HET1[1]/SPI4NENA/N2HET2[8]/EQEP2A
V2
Input
Pull Down
Enhanced QEP2 Input A
N2HET1[3]/SPI4NCS[0]/N2HET2[10]/EQEP2B
U1
Input
Pull Down
Enhanced QEP2 Input B
GIOA[2]/N2HET2[0]/ EQEP2I
C1
I/O
Pull Down
Enhanced QEP2 Index
N2HET1[30]/EQEP2S
B11
I/O
Pull Down
Enhanced QEP2 Strobe
(1)
These signals are double-synchronized and then optionally filtered with a 6-cycle VCLK4-based counter.
26
Terminal Configuration and Functions
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com