Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS570LS1114 Datasheet(PDF) 98 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 98 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 94Page - Texas Instruments TMS570LS1114 Datasheet HTML 95Page - Texas Instruments TMS570LS1114 Datasheet HTML 96Page - Texas Instruments TMS570LS1114 Datasheet HTML 97Page - Texas Instruments TMS570LS1114 Datasheet HTML 98Page - Texas Instruments TMS570LS1114 Datasheet HTML 99Page - Texas Instruments TMS570LS1114 Datasheet HTML 100Page - Texas Instruments TMS570LS1114 Datasheet HTML 101Page - Texas Instruments TMS570LS1114 Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 169 page
background image
TMS570LS1114
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
www.ti.com
6.18 Error Signaling Module
The Error Signaling Module (ESM) manages the various error conditions on the RM4x microcontroller. The
error condition is handled based on a fixed severity level assigned to it. Any severe error condition can be
configured to drive a low level on a dedicated device terminal called nERROR. This can be used as an
indicator to an external monitor circuit to put the system into a safe state.
6.18.1 Features
The features of the Error Signaling Module are:
•
128 interrupt/error channels are supported, divided into 3 different groups
–
64 channels with maskable interrupt and configurable error pin behavior
–
32 error channels with non-maskable interrupt and predefined error pin behavior
–
32 channels with predefined error pin behavior only
•
Error pin to signal severe device failure
•
Configurable timebase for error signal
•
Error forcing capability
6.18.2 ESM Channel Assignments
The Error Signaling Module (ESM) integrates all the device error conditions and groups them in the order
of severity. Group1 is used for errors of the lowest severity while Group3 is used for errors of the highest
severity. The device response to each error is determined by the severity group it is connected to.
Table 6-35 shows the channel assignment for each group.
Table 6-34. ESM Groups
ERROR GROUP
INTERRUPT CHARACTERISTICS
INFLUENCE ON ERROR PIN
Group1
maskable, low or high priority
configurable
Group2
non-maskable, high priority
fixed
Group3
no interrupt generated
fixed
Table 6-35. ESM Channel Assignments
ERROR Condition
Group
Channels
Reserved
Group1
0
MibADC2 - RAM parity error
Group1
1
DMA - MPU configuration violation
Group1
2
DMA - control packet RAM parity error
Group1
3
Reserved
Group1
4
DMA - error on DMA read access, imprecise error
Group1
5
FMC - correctable ECC error: bus1 and bus2 interfaces
Group1
6
(does not include accesses to Bank 7)
N2HET1 - RAM parity error
Group1
7
HTU1/HTU2 - dual-control packet RAM parity error
Group1
8
HTU1/HTU2 - MPU configuration violation
Group1
9
PLL1 - Slip
Group1
10
Clock Monitor - oscillator fail
Group1
11
Reserved
Group1
12
DMA - error on DMA write access, imprecise error
Group1
13
Reserved
Group1
14
VIM RAM - parity error
Group1
15
Reserved
Group1
16
MibSPI1 - RAM parity error
Group1
17
MibSPI3 - RAM parity error
Group1
18
98
System Information and Electrical Specifications
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com