Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS570LS1114 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 38Page - Texas Instruments TMS570LS1114 Datasheet HTML 39Page - Texas Instruments TMS570LS1114 Datasheet HTML 40Page - Texas Instruments TMS570LS1114 Datasheet HTML 41Page - Texas Instruments TMS570LS1114 Datasheet HTML 42Page - Texas Instruments TMS570LS1114 Datasheet HTML 43Page - Texas Instruments TMS570LS1114 Datasheet HTML 44Page - Texas Instruments TMS570LS1114 Datasheet HTML 45Page - Texas Instruments TMS570LS1114 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 169 page
background image
TMS570LS1114
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
www.ti.com
5.4
Device Recommended Operating Conditions
(1)
MIN
NOM
MAX
UNIT
VCC
Digital logic supply voltage (Core)
1.14
1.2
1.32
V
VCCPLL
PLL Supply Voltage
1.14
1.2
1.32
V
VCCIO
Digital logic supply voltage (I/O)
3
3.3
3.6
V
VCCAD
MibADC supply voltage
3
5.25
V
VCCP
Flash pump supply voltage
3
3.3
3.6
V
VSS
Digital logic supply ground
0
V
VSSAD
MibADC supply ground
-0.1
0.1
V
VADREFHI
A-to-D high-voltage reference source
VSSAD
VCCAD
V
VADREFLO
A-to-D low-voltage reference source
VSSAD
VCCAD
V
VSLEW
Maximum positive slew rate for VCCIO, VCCAD and VCCP supplies
1
V/µs
TA
Operating free-air temperature
-40
125
°C
TJ
Operating junction temperature(2)
-40
150
°C
(1)
All voltages are with respect to VSS, except VCCAD, which is with respect to VSSAD
(2)
Reliability data is based upon a temperature profile that is equivalent to 100,000 power-on hours at 105°C junction temperature.
42
Specifications
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com