Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS570LS1114 Datasheet(PDF) 77 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 77 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 73Page - Texas Instruments TMS570LS1114 Datasheet HTML 74Page - Texas Instruments TMS570LS1114 Datasheet HTML 75Page - Texas Instruments TMS570LS1114 Datasheet HTML 76Page - Texas Instruments TMS570LS1114 Datasheet HTML 77Page - Texas Instruments TMS570LS1114 Datasheet HTML 78Page - Texas Instruments TMS570LS1114 Datasheet HTML 79Page - Texas Instruments TMS570LS1114 Datasheet HTML 80Page - Texas Instruments TMS570LS1114 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 169 page
background image
TMS570LS1114
www.ti.com
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
6.10.5 Program Flash
Table 6-23. Timing Requirements for Program Flash
Parameter
MIN
NOM
MAX
Unit
tprog(144bit)
Wide Word (144bit) programming time
40
300
µs
tprog(Total)
1MByte programming time(1)
-40°C to 125°C
11
s
0°C to 60°C, for first
2.8
5.5
s
25 cycles
terase(bank0)
Sector/Bank erase time(2)
-40°C to 125°C
0.03
4
s
0°C to 60°C, for first
16
100
ms
25 cycles
twec
Write/erase cycles with 15 year Data Retention
-40°C to 125°C
1000
cycles
requirement
(1)
This programming time includes overhead of state machine, but does not include data transfer time. The programming time assumes
programming 144 bits at a time at the maximum specified operating frequency.
(2)
During bank erase, the selected sectors are erased simultaneously. The time to erase the bank is specified as equal to the time to erase
a sector.
6.10.6 Data Flash
Table 6-24. Timing Requirements for Data Flash
Parameter
MIN
NOM
MAX
Unit
tprog(144bit)
Wide Word (144bit) programming time
40
300
µs
tprog(Total)
EEPROM Emulation (bank 7) 64KByte
-40°C to 125°C
660
ms
programming time(1)
0°C to 60°C, for first
165
330
ms
25 cycles
terase(bank7)
EEPROM Emulation (bank 7) Sector/Bank
-40°C to 125°C
0.2
8
s
erase time (2)
0°C to 60°C, for first
14
100
ms
25 cycles
twec
Write/erase cycles with 15 year Data Retention
-40°C to 125°C
100000
cycles
requirement
(1)
This programming time includes overhead of state machine, but does not include data transfer time. The programming time assumes
programming 144 bits at a time at the maximum specified operating frequency.
(2)
During bank erase, the selected sectors are erased simultaneously. The time to erase the bank is specified as equal to the time to erase
a sector.
Copyright © 2012–2015, Texas Instruments Incorporated
System Information and Electrical Specifications
77
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com