Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS570LS1114 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 11Page - Texas Instruments TMS570LS1114 Datasheet HTML 12Page - Texas Instruments TMS570LS1114 Datasheet HTML 13Page - Texas Instruments TMS570LS1114 Datasheet HTML 14Page - Texas Instruments TMS570LS1114 Datasheet HTML 15Page - Texas Instruments TMS570LS1114 Datasheet HTML 16Page - Texas Instruments TMS570LS1114 Datasheet HTML 17Page - Texas Instruments TMS570LS1114 Datasheet HTML 18Page - Texas Instruments TMS570LS1114 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 169 page
background image
TMS570LS1114
www.ti.com
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
4.3.1.4
Enhanced Quadrature Encoder Pulse Modules (eQEP)
Table 4-4. PGE Enhanced Quadrature Encoder Pulse Modules (eQEP)(1)
Terminal
Signal
Reset Pull
Pull Type
Description
Type
State
Signal Name
144
PGE
MIBSPI3CLK/AWM1_EXT_SEL[1]/EQEP1A
53
Input
Pull Up
Fixed 20 µA
Enhanced QEP1 Input A
Pull Up
MIBSPI3NENA/MIBSPI3NCS[5]/N2HET1[31]/EQEP1B
54
Input
Enhanced QEP1 Input B
MIBSPI3NCS[0]/AD2EVT/GIOB[2]/
55
I/O
Enhanced QEP1 Index
EQEP1I/N2HET2_PIN_nDIS
MIBSPI1NCS[1]/N2HET1[17]/EQEP1S
130
I/O
Enhanced QEP1 Strobe
N2HET1[1]/SPI4NENA/N2HET2[8]/EQEP2A
23
Input
Pull Down
Enhanced QEP2 Input A
N2HET1[3]/SPI4NCS[0]/N2HET2[10]/EQEP2B
24
Input
Enhanced QEP2 Input B
GIOA[2]/N2HET2[0]/ EQEP2I
9
I/O
Enhanced QEP2 Index
N2HET1[30]/EQEP2S
127
I/O
Enhanced QEP2 Strobe
(1)
These signals are double-synchronized and then optionally filtered with a 6-cycle VCLK4-based counter.
4.3.1.5
Enhanced Pulse-Width Modulator Modules (ePWM)
Table 4-5. PGE Enhanced Pulse-Width Modulator Modules (ePWM)
Terminal
Signal
Reset Pull
Pull Type
Description
Type
State
Signal Name
144
PGE
GIOA[5]/EXTCLKIN/EPWM1A/N2HET1_PIN_nDIS
14
Output
Pull Down
None
Enhanced PWM1 Output
A
GIOA[6]/N2HET2[4]/EPWM1B
16
Enhanced PWM1 Output
B
N2HET1[11]/MIBSPI3NCS[4]/N2HET2[18]/EPWM1SYNCO
6
External ePWM Sync
Pulse Output
N2HET1[16]/EPWM1SYNCI/EPWM1SYNCO
139
Input
Fixed 20 µA
External ePWM Sync
Pull Up
Pulse Input
GIOA[7]/N2HET2[6]/EPWM2A
22
Output
None
Enhanced PWM2 Output
A
N2HET1[0]/SPI4CLK/EPWM2B
25
Enhanced PWM2 Output
B
N2HET1[2]/SPI4SIMO[0]/EPWM3A
30
Enhanced PWM3 Output
A
N2HET1[5]/SPI4SOMI[0]/N2HET2[12]/EPWM3B
31
Enhanced PWM3 Output
B
MIBSPI5NCS[0]/EPWM4A
32
Pull Up
Enhanced PWM4 Output
A
N2HET1[4]/EPWM4B
36
Pull Down
Enhanced PWM4 Output
B
N2HET1[6]/SCIRX/EPWM5A
38
Enhanced PWM5 Output
A
N2HET1[13]/SCITX/EPWM5B
39
Enhanced PWM5 Output
B
N2HET1[18]/EPWM6A
140
Enhanced PWM6 Output
A
N2HET1[20]/EPWM6B
141
Enhanced PWM6 Output
B
N2HET1[9]/N2HET2[16]/EPWM7A
35
Enhanced PWM7 Output
A
N2HET1[7]/N2HET2[14]/EPWM7B
33
Enhanced PWM7 Output
B
Copyright © 2012–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
15
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com