Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS570LS1114 Datasheet(PDF) 120 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 120 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 116Page - Texas Instruments TMS570LS1114 Datasheet HTML 117Page - Texas Instruments TMS570LS1114 Datasheet HTML 118Page - Texas Instruments TMS570LS1114 Datasheet HTML 119Page - Texas Instruments TMS570LS1114 Datasheet HTML 120Page - Texas Instruments TMS570LS1114 Datasheet HTML 121Page - Texas Instruments TMS570LS1114 Datasheet HTML 122Page - Texas Instruments TMS570LS1114 Datasheet HTML 123Page - Texas Instruments TMS570LS1114 Datasheet HTML 124Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 169 page
background image
TMS570LS1114
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
www.ti.com
7.4.1
Features
•
12-bit resolution
•
ADREFHI and ADREFLO pins (high and low reference voltages)
•
Total Sample/Hold/Convert time: 600ns Minimum at 30MHz ADCLK
•
One memory region per conversion group is available (event, group 1, group 2)
•
Allocation of channels to conversion groups is completely programmable
•
Supports flexible channel conversion order
•
Memory regions are serviced either by interrupt or by DMA
•
Programmable interrupt threshold counter is available for each group
•
Programmable magnitude threshold interrupt for each group for any one channel
•
Option to read either 8-bit, 10-bit or 12-bit values from memory regions
•
Single or continuous conversion modes
•
Embedded self-test
•
Embedded calibration logic
•
Enhanced power-down mode
–
Optional feature to automatically power down ADC core when no conversion is in progress
•
External event pin (ADxEVT) programmable as general-purpose I/O
7.4.2
Event Trigger Options
The ADC module supports 3 conversion groups: Event Group, Group1 and Group2. Each of these 3
groups can be configured to be hardware event-triggered. In that case, the application can select from
among 8 event sources to be the trigger for a group's conversions.
7.4.2.1
MIBADC1 Event Trigger Hookup
Table 7-16. MIBADC1 Event Trigger Hookup
Trigger Event Signal
Group Source
Select, G1SRC,
PINMMR30[0] = 0 and PINMMR30[1] = 1
Event #
PINMMR30[0] = 1
G2SRC or
Control for
Control for
(default)
Option A
Option B
EVSRC
Option A
Option B
000
1
AD1EVT
AD1EVT
—
AD1EVT
—
PINMMR30[8] = 0
001
2
N2HET1[8]
N2HET2[5]
PINMMR30[8] = 1
ePWM_B
and
PINMMR30[9] = 1
010
3
N2HET1[10]
N2HET1[27]
—
N2HET1[27]
—
PINMMR30[16] =
RTI Compare 0
RTI Compare 0
PINMMR30[16] =
0 and
011
4
ePWM_A1
Interrupt
Interrupt
1
PINMMR30[17] =
1
100
5
N2HET1[12]
N2HET1[17]
—
N2HET1[17]
—
PINMMR30[24] =
PINMMR30[24] =
0 and
101
6
N2HET1[14]
N2HET1[19]
N2HET2[1]
1
PINMMR30[25] =
1
PINMMR31[0] = 0
110
7
GIOB[0]
N2HET1[11]
PINMMR31[0] = 1
ePWM_A2
and
PINMMR31[1] = 1
PINMMR31[8] = 0
PINMMR32[16] =
111
8
GIOB[1]
N2HET2[13]
ePWM_AB
and
1
PINMMR31[9] = 1
120
Peripheral Information and Electrical Specifications
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com