Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS570LS1114 Datasheet(PDF) 132 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 132 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 128Page - Texas Instruments TMS570LS1114 Datasheet HTML 129Page - Texas Instruments TMS570LS1114 Datasheet HTML 130Page - Texas Instruments TMS570LS1114 Datasheet HTML 131Page - Texas Instruments TMS570LS1114 Datasheet HTML 132Page - Texas Instruments TMS570LS1114 Datasheet HTML 133Page - Texas Instruments TMS570LS1114 Datasheet HTML 134Page - Texas Instruments TMS570LS1114 Datasheet HTML 135Page - Texas Instruments TMS570LS1114 Datasheet HTML 136Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 169 page
background image
TMS570LS1114
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
www.ti.com
7.6
Enhanced High-End Timer (N2HET)
The N2HET is an advanced intelligent timer that provides sophisticated timing functions for real-time
applications. The timer is software-controlled, using a reduced instruction set, with a specialized timer
micromachine and an attached I/O port. The N2HET can be used for pulse width modulated outputs,
capture or compare inputs, or general-purpose I/O. It is especially well suited for applications requiring
multiple sensor information and drive actuators with complex and accurate time pulses.
7.6.1
Features
The N2HET module has the following features:
•
Programmable timer for input and output timing functions
•
Reduced instruction set (30 instructions) for dedicated time and angle functions
•
160 words of instruction RAM protected by parity
•
User defined number of 25-bit virtual counters for timer, event counters and angle counters
•
7-bit hardware counters for each pin allow up to 32-bit resolution in conjunction with the 25-bit virtual
counters
•
Up to 32 pins usable for input signal measurements or output signal generation
•
Programmable suppression filter for each input pin with adjustable limiting frequency
•
Low CPU overhead and interrupt load
•
Efficient data transfer to or from the CPU memory with dedicated High-End-Timer Transfer Unit (HTU)
or DMA
•
Diagnostic capabilities with different loopback mechanisms and pin status read back functionality
7.6.2
N2HET RAM Organization
The timer RAM uses 4 RAM banks, where each bank has two port access capability. This means that one
RAM address may be written while another address is read. The RAM words are 96-bits wide, which are
split into three 32-bit fields (program, control, and data).
132
Peripheral Information and Electrical Specifications
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com