Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2650MODAMOHT Datasheet(PDF) 31 Page - Texas Instruments

Part # CC2650MODAMOHT
Description  Low energy Wireless MCU Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2650MODAMOHT Datasheet(HTML) 31 Page - Texas Instruments

Back Button CC2650MODAMOHT Datasheet HTML 27Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 28Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 29Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 30Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 31Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 32Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 33Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 34Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
31
CC2650MODA
www.ti.com
SWRS187A – AUGUST 2016 – REVISED AUGUST 2016
Submit Documentation Feedback
Product Folder Links: CC2650MODA
Detailed Description
Copyright © 2016, Texas Instruments Incorporated
6.12.2 Canada, Industry Canada (IC)
This device complies with Industry Canada licence-exempt RSS standards.
Operation is subject to the following two conditions:
1. This device may not cause interference, and
2. This device must accept any interference, including interference that may cause undesired operation of
the device
Le présent appareil est conforme aux CNR d'Industrie Canada applicables aux appareils radio
exempts de licence
L'exploitation est autorisée aux deux conditions suivantes:
1. l'appareil ne doit pas produire de brouillage, et
2. l'utilisateur de l'appareil doit accepter tout brouillage radioélectrique subi, même si le brouillage est
susceptible d'en compromettre le fonctionnement.
IC RF Radiation Exposure Statement:
To comply with IC RF exposure requirements, this device and its antenna must not be co-located or
operating in conjunction with any other antenna or transmitter.
Pour se conformer aux exigences de conformité RF canadienne l'exposition, cet appareil et son antenne
ne doivent pas étre co-localisés ou fonctionnant en conjonction avec une autre antenne ou transmetteur.
6.13 End Product Labeling
This module is designed to comply with the FCC statement, FCC ID : ZAT26M1. The host system using
this module must display a visible label indicating the following text:
"Contains FCC ID: ZAT26M1"
This module is designed to comply with the IC statement, IC : 451H-26M1. The host system using this
module must display a visible label indicating the following text:
"Contains IC: 451H-26M1"
6.14 Manual Information to the End User
The OEM integrator must be aware not to provide information to the end user regarding how to install or
remove this RF module in the user’s manual of the end product which integrates this module.
The end user manual must include all required regulatory information/warning as shown in this manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com