Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2650MODAMOHT Datasheet(PDF) 35 Page - Texas Instruments

Part # CC2650MODAMOHT
Description  Low energy Wireless MCU Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2650MODAMOHT Datasheet(HTML) 35 Page - Texas Instruments

Back Button CC2650MODAMOHT Datasheet HTML 31Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 32Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 33Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 34Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 35Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 36Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 37Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 38Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
35
CC2650MODA
www.ti.com
SWRS187A – AUGUST 2016 – REVISED AUGUST 2016
Submit Documentation Feedback
Product Folder Links: CC2650MODA
Device and Documentation Support
Copyright © 2016, Texas Instruments Incorporated
8.2
Tools and Software
TI offers an extensive line of development tools, including tools to evaluate the performance of the
processors, generate code, develop algorithm implementations, and fully integrate and debug software
and hardware modules.
The following products support development of the CC2650MODA device applications:
Software Tools:
SmartRF Studio 7:
SmartRF Studio is a PC application that helps designers of radio systems to easily evaluate the RF-IC at
an early stage in the design process.
•
Test functions for sending and receiving radio packets, continuous wave transmit and receive
•
Evaluate RF performance on custom boards by wiring it to a supported evaluation board or debugger
•
Can also be used without any hardware, but then only to generate, edit and export radio configuration
settings
•
Can be used in combination with several development kits for TI's CCxxxx RF-ICs
Sensor Controller Studio:
Sensor Controller Studio provides a development environment for the CC26xx Sensor Controller. The
Sensor Controller is a proprietary, power-optimized CPU in the CC26xx, which can perform simple
background tasks autonomously and independent of the System CPU state.
•
Allows for Sensor Controller task algorithms to be implemented using a C-like programming language
•
Outputs a Sensor Controller Interface driver, which incorporates the generated Sensor Controller
machine code and associated definitions
•
Allows for rapid development by using the integrated Sensor Controller task testing and debugging
functionality. This allows for live visualization of sensor data and algorithm verification.
IDEs and Compilers:
Code Composer Studio:
•
Integrated development environment with project management tools and editor
•
Code Composer Studio (CCS) 6.1 and later has built-in support for the CC26xx device family
•
Best support for XDS debuggers; XDS100v3, XDS110 and XDS200
•
High integration with TI-RTOS with support for TI-RTOS Object View
IAR Embedded Workbench for ARM
•
Integrated development environment with project management tools and editor
•
IAR EWARM 7.30.3 and later has built-in support for the CC26xx device family
•
Broad debugger support, supporting XDS100v3, XDS200, IAR I-Jet and Segger J-Link
•
Integrated development environment with project management tools and editor
•
RTOS plugin is available for TI-RTOS
For a complete listing of development-support tools for the CC2650MODA platform, visit the Texas
Instruments website at www.ti.com. For information on pricing and availability, contact the nearest TI field
sales office or authorized distributor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com