Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2650MODAMOHT Datasheet(PDF) 34 Page - Texas Instruments

Part # CC2650MODAMOHT
Description  Low energy Wireless MCU Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2650MODAMOHT Datasheet(HTML) 34 Page - Texas Instruments

Back Button CC2650MODAMOHT Datasheet HTML 30Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 31Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 32Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 33Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 34Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 35Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 36Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 37Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
SimpleLink™ Multistandard
Wireless MCU
DEVICE FAMILY
PREFIX
CC2650
MOD
X = Experimental device
Blank = Qualified device
MOH
A
ROM version 1
Flash = 128KB
DEVICE
PACKAGE DESIGNATOR
MOH = 29-pin Module
MOD = Module
34
CC2650MODA
SWRS187A – AUGUST 2016 – REVISED AUGUST 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC2650MODA
Device and Documentation Support
Copyright © 2016, Texas Instruments Incorporated
8
Device and Documentation Support
8.1
Device Nomenclature
To designate the stages in the product development cycle, TI assigns prefixes to all part numbers and/or
date-code. Each device has one of three prefixes/identifications: X, P, or null (no prefix) (for example,
CC2650MODA is in production; therefore, no prefix/identification is assigned).
Device development evolutionary flow:
X
Experimental device that is not necessarily representative of the final device's electrical
specifications and may not use production assembly flow.
P
Prototype device that is not necessarily the final silicon die and may not necessarily meet
final electrical specifications.
null
Production version of the silicon die that is fully qualified.
Production devices have been characterized fully, and the quality and reliability of the device have been
demonstrated fully. TI's standard warranty applies.
Predictions show that prototype devices (X or P) have a greater failure rate than the standard production
devices. Texas Instruments recommends that these devices not be used in any production system
because their expected end-use failure rate still is undefined. Only qualified production devices are to be
used.
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the
package type (for example, MOH).
For orderable part numbers of CC2650MODA devices in the MOH package type, see the Package Option
Addendum of this document, the TI website (www.ti.com), or contact your TI sales representative.
Figure 8-1. Device Nomenclature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com