Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2650MODAMOHT Datasheet(PDF) 33 Page - Texas Instruments

Part # CC2650MODAMOHT
Description  Low energy Wireless MCU Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2650MODAMOHT Datasheet(HTML) 33 Page - Texas Instruments

Back Button CC2650MODAMOHT Datasheet HTML 29Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 30Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 31Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 32Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 33Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 34Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 35Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 36Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
33
CC2650MODA
www.ti.com
SWRS187A – AUGUST 2016 – REVISED AUGUST 2016
Submit Documentation Feedback
Product Folder Links: CC2650MODA
Application, Implementation, and Layout
Copyright © 2016, Texas Instruments Incorporated
7.2
Layout
7.2.1
Layout Guidelines
Use the following guidelines to lay out the CC2650MODA device:
•
The module must be placed close to the edge of the PCB.
•
TI recommends leaving copper clearance on all PCB layers underneath the antenna area, as shown in
Figure 7-2 and Figure 7-3.
•
TI recommends using a generous amount of ground vias to stitch together the ground planes on
different layers. Several ground vias should be placed close to the exposed ground pads of the
module.
•
No external decoupling is required.
•
The reset line should have an external pullup resistor unless the line is actively driven. Placement of
this component is not critical.
•
TI recommends leaving a clearance in the top-side copper plane underneath the RF test pads.
Figure 7-2. Top Layer
Figure 7-3. Bottom Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com