Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS570LS3137 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16- and 32-Bit RISC Flash Microcontroller
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3137 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 4Page - Texas Instruments TMS570LS3137 Datasheet HTML 5Page - Texas Instruments TMS570LS3137 Datasheet HTML 6Page - Texas Instruments TMS570LS3137 Datasheet HTML 7Page - Texas Instruments TMS570LS3137 Datasheet HTML 8Page - Texas Instruments TMS570LS3137 Datasheet HTML 9Page - Texas Instruments TMS570LS3137 Datasheet HTML 10Page - Texas Instruments TMS570LS3137 Datasheet HTML 11Page - Texas Instruments TMS570LS3137 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 173 page
background image
TMS570LS3137
SPNS162C – APRIL 2012 – REVISED APRIL 2015
www.ti.com
"0xFF45FFFF"
....................................................................................................................... 83
•
Table 6-38 Corrected base JTAG ID Base Value From 0xnD8A002F to 0xnB8A002F
.................................. 106
•
Table 6-38 (JTAG ID Code): Added JTAG Identification Code for Silicon Revision "Rev D"
........................... 106
•
Table 7-7 (MibADC Recommended Operating Conditions): Updated/Changed Analog input clamp current from
IAIC to IAIK ............................................................................................................................ 121
•
FlexRay Interface, Section 7.5.1 (Features): Updated/Changed "8KB of message ..." bullet for clarification
......... 133
•
Controller Area Network (DCAN) Section 7.6.1 (Features): Updated/Changed TRM references to the correct
document titles
.................................................................................................................... 135
•
Table 7-24 (SPI Master Mode External Timing Parameters (CLOCK PHASE = 0, SPICLK = output, SPISIMO =
output, and SPISOMI = input)): Updated/Changed table footnote to "... CLOCK PHASE bit (SPIFMTx.16) is
cleared"
............................................................................................................................. 145
•
Section 7.11.1 (Ethernet MII Electrical and Timing Specifications): Updated/Changed the MII parameter names
and parametric descriptions for this section
.................................................................................... 153
•
Section 7.11.2 (Ethernet RMII Electrical and Timing Specifications): Updated/Changed section title for
clarification
.......................................................................................................................... 155
•
Section 7.11.2 Updated/Changed the RMII parameter names and parametric descriptions for this section
.......... 155
•
Section 7.11.3 (Management Data Input/Output (MDIO) Electrical and Timing Specifications): Updated/Changed
section title for clarification
....................................................................................................... 156
•
Table 7-32 (Timing Requirements for MDIO Input): Updated/Changed table title and formatting for clarification
.... 156
•
Section 8 (Device and Documentation Support): Updated/Changed section to meet new requirements, including
addition of several subsections
.................................................................................................. 157
•
Section 8.7 (Device Identification Code Register): Added Device ID code value for silicon Rev D
.................... 160
•
Section 8.8 (Die Identification Registers): Updated/Changed the address of the two die identification registers
(DIEIDL and DIEIDH) to point to the original registers at location 0xFFFFFF7C and 0xFFFFFF80 for this section.
161
•
Table 8-2 (Die-ID Registers): Updated/Changed the BIT LOCATION column for all ITEM rows
....................... 161
•
Section 9 (Mechanical Packaging and Orderable Information): Updated/Changed section title
........................ 168
•
Section 9.1 (Packaging Information): Updated/Changed the paragraph
................................................... 168
8
Revision History
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com