Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ONET1130EC Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # ONET1130EC
Description  11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ONET1130EC Datasheet(HTML) 29 Page - Texas Instruments

Back Button ONET1130EC Datasheet HTML 25Page - Texas Instruments ONET1130EC Datasheet HTML 26Page - Texas Instruments ONET1130EC Datasheet HTML 27Page - Texas Instruments ONET1130EC Datasheet HTML 28Page - Texas Instruments ONET1130EC Datasheet HTML 29Page - Texas Instruments ONET1130EC Datasheet HTML 30Page - Texas Instruments ONET1130EC Datasheet HTML 31Page - Texas Instruments ONET1130EC Datasheet HTML 32Page - Texas Instruments ONET1130EC Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
ONET1130EC
www.ti.com
SLLSEJ3A – JUNE 2015 – REVISED JULY 2015
Feature Description (continued)
8.3.2.6 Loss of Signal Detection
The loss of signal (LOS) detection is done by 2 separate level detectors to cover a wide dynamic range. The
peak values of the input signal are monitored by a peak detector and compared to a pre-defined loss of signal
threshold voltage inside the loss of signal detection block. As a result of the comparison, the LOS signal, which
indicates that the input signal amplitude is below the defined threshold level, is generated. There are 2 LOS
ranges settable with the RXLOSRNG bit (bit 0 of register 4). With RXLOSRNG = 0 the high range of the LOS
assert values are used (40 mVPP to 130 mVPP) and by setting RXLOSRNG = 1 the low range of the LOS assert
values are used (10 mVPP to 50 mVPP). There are 64 possible internal LOS settings set with RXLOSA[0..5]
(register 7) for each LOS range to adjust the LOS assert level.
The typical LOS hysteresis, as defined by 20log(LOS de-assert voltage/LOS assert voltage) is 4 dB. This can be
reduced by approximately 2 dB by setting receiver hysteresis RXHYS = 1 (bit 7 of register 6). In addition, the
LOS detection time can be reduced by setting the receiver fast LOS bit RXFLOS = 1 (bit 3 of register 5);
however, this may result in chatter (LOS bounce).
8.3.3 Analog Block
8.3.3.1 Analog Reference and Temperature Sensor
The ONET1130EC is supplied by a single 2.5 V ±5% supply voltage connected to the VCC_TX, VCC_RX and
VDD pins. This voltage is referred to ground (GND) and can be monitored as a 10 bit unsigned digital word
through the 2-wire interface.
On-chip bandgap voltage circuitry generates a reference voltage, independent of the supply voltage, from which
all other internally required voltages and bias currents are derived.
In order to minimize the module component count, the ONET1130ECprovides an on-chip temperature sensor.
The temperature can be monitored as a 10 bit unsigned digital word through the 2-wire interface.
8.3.3.2 Power-On Reset
The ONET1130EC has power on reset circuitry which ensures that all registers are reset to default values during
startup. After the power-on to initialize time (tINIT1), the internal registers are ready to be loaded. The part is ready
to transmit data after the initialize to transmit time (tINIT2), assuming that the enable chip bit EN_CHIP = 1 (bit 0 of
register 0). In addition, the transmitter disable pin TX_DIS and receiver disable pin RX_DIS must be set to zero.
The ONET1130EC bias current can be disabled by setting the TX_DIS pin high. The internal registers are not
reset. After the transmitter disable pin TX_DIS is set low the part returns to its prior output settings.
8.3.3.3 Analog to Digital Converter
The ONET1130EC has an internal 10 bit analog to digital converter (ADC) that converts the analog monitors for
temperature, power supply voltage, bias current and photodiode current into a 10 bit unsigned digital word. The
first 8 most significant bits (MSBs) are available in register 40 and the 2 least significant bits (LSBs) are available
in register 41. Depending on the accuracy required, 8 bits or 10 bits can be read. However, due to the
architecture of the 2-wire interface, in order to read the 2 registers, 2 separate read commands have to be sent.
The ADC is enabled by default so to monitor a particular parameter, select the parameter with ADCSEL[0..2]
(bits 0 to 2 of register 3). Table 2 shows the ADCSEL bits and the parameter that is monitored.
Table 2. ADC Selection Bits and the Monitored Parameter
ADCSEL2
ADCSEL1
ADCSEL0
MONITORED PARAMETER
0
0
0
Temperature
0
0
1
Supply voltage
0
1
0
Bias current
0
1
1
Photodiode current
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: ONET1130EC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com