Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ONET1130EC Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # ONET1130EC
Description  11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ONET1130EC Datasheet(HTML) 53 Page - Texas Instruments

Back Button ONET1130EC Datasheet HTML 49Page - Texas Instruments ONET1130EC Datasheet HTML 50Page - Texas Instruments ONET1130EC Datasheet HTML 51Page - Texas Instruments ONET1130EC Datasheet HTML 52Page - Texas Instruments ONET1130EC Datasheet HTML 53Page - Texas Instruments ONET1130EC Datasheet HTML 54Page - Texas Instruments ONET1130EC Datasheet HTML 55Page - Texas Instruments ONET1130EC Datasheet HTML 56Page - Texas Instruments ONET1130EC Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
ONET1130EC
www.ti.com
SLLSEJ3A – JUNE 2015 – REVISED JULY 2015
9.2.4.1 Design Requirements
Table 31. Design Parameters
PARAMETER
VALUE
Supply voltage
2.5 V
Transmitter input voltage
100 mVpp to 1000 mVpp differential
Transmitter output voltage
0.5 Vpp to 2 Vpp single-ended
Receiver input voltage
6 mVpp to 800 mVpp differential
Receiver output voltage
300 mVpp to 900 mVpp differential
9.2.4.2 Detailed Design Procedure
In the transmitter single-ended mode of operation, the output driver is intended to be used with a single-ended
driven Electroabsorptive Modulated Laser (EML) TOSA. On the input side, the TXIN+ and TXIN– pins are
required to be AC coupled to the signal from the host system and the input voltage should be between 100mVpp
and 1000mVpp differential. On the output side, it is recommended that the TXOUT+ pin is AC coupled to the
modulator input and the TXOUT– pin can be left unterminated or terminated to VCC through a 50
Ω resistor. A
bias-T from VCC to the TXOUT+ pin is required to supply sufficient headroom voltage for the output driver
transistors. It is recommended that the inductance in the bias-T have low DC resistance to limit the DC voltage
drop and maximize the voltage supplied to the TXOUT+ pin. If the voltage on this pins drops below
approximately 2.1V then the output rise and fall times can be adversely affected.
The receiver inputs, RXIN+ and RXIN–, are AC coupled to the output of ROSA and the input voltage should be
between 6mVpp and 800mVpp differential. The receiver outputs, RXOUT+ and RXOUT–, are AC coupled to the
receiver input of the host system.
9.2.4.3 Application Curves
Figure 72. Single-Ended Mode Transmitter Output Eye Diagram
10 Power Supply Recommendations
The ONET1130EC is designed to operate from an input supply voltage range between 2.37 V and 2.63 V. To
reduce transmitter and receiver power supply coupling, as well as digital coupling into the analog circuitry, there
are separate supplies for the transmitter, receiver and digital circuitry. VCC_TX is used to supply power to the
transmitter, VCC_RX is used to supply power to the receiver and VDD is used to supply power to the digital
block. Power supply decoupling capacitors should be placed as close as possibly to the respective power supply
pins.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
53
Product Folder Links: ONET1130EC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com