Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ONET1130EC Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # ONET1130EC
Description  11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ONET1130EC Datasheet(HTML) 35 Page - Texas Instruments

Back Button ONET1130EC Datasheet HTML 31Page - Texas Instruments ONET1130EC Datasheet HTML 32Page - Texas Instruments ONET1130EC Datasheet HTML 33Page - Texas Instruments ONET1130EC Datasheet HTML 34Page - Texas Instruments ONET1130EC Datasheet HTML 35Page - Texas Instruments ONET1130EC Datasheet HTML 36Page - Texas Instruments ONET1130EC Datasheet HTML 37Page - Texas Instruments ONET1130EC Datasheet HTML 38Page - Texas Instruments ONET1130EC Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
ONET1130EC
www.ti.com
SLLSEJ3A – JUNE 2015 – REVISED JULY 2015
8.6.2.2 RX Register 5 (offset = 0000 0000) [reset = 0h]
Figure 46. RX Register 5
7
6
5
4
3
2
1
0
Reserved
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8. RX Register 5 Field Descriptions
Bit
Field
Type
Reset
Description
7:4
–
R/W
0h
Reserved
Receiver fast LOS bit
3
RXFLOS
R/W
0h
1 = Fast LOS
0 = normal operation
2
RXCTLE2
R/W
0h
RX input CTLE setting
000 = minimum
1
RXCTLE1
R/W
0h
111 = maximum
0
RXCTLE0
R/W
0h
8.6.2.3 RX Register 6 (offset = 0000 0000) [reset = 0h]
Figure 47. RX Register 6
7
6
5
4
3
2
1
0
0
Reserved
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 9. RX Register 6 Field Descriptions
Bit
Field
Type
Reset
Description
Receiver Hysteresis
7
RXHYS
R/W
0h
1 = Reduce hysteresis level by approximately 2dB
0 = default level of hysteresis (approximately 4dB)
6:5
–
R/W
0h
Reserved
4
RXTHSGN
R/W
0h
RX Eye cross-point adjustment setting
RXTHSGN = 1 (positive shift)
3
RXTHADJ3
R/W
0h
Maximum shift for 1111
2
RXTHADJ2
R/W
0h
Minimum shift for 0000
1
RXTHADJ1
R/W
0h
RXTHSGN = 0 (negative shift)
Maximum shift for 1111
0
RXTHADJ0
R/W
0h
Minimum shift for 0000
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: ONET1130EC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com