Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ONET1130EC Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # ONET1130EC
Description  11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ONET1130EC Datasheet(HTML) 34 Page - Texas Instruments

Back Button ONET1130EC Datasheet HTML 30Page - Texas Instruments ONET1130EC Datasheet HTML 31Page - Texas Instruments ONET1130EC Datasheet HTML 32Page - Texas Instruments ONET1130EC Datasheet HTML 33Page - Texas Instruments ONET1130EC Datasheet HTML 34Page - Texas Instruments ONET1130EC Datasheet HTML 35Page - Texas Instruments ONET1130EC Datasheet HTML 36Page - Texas Instruments ONET1130EC Datasheet HTML 37Page - Texas Instruments ONET1130EC Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
ONET1130EC
SLLSEJ3A – JUNE 2015 – REVISED JULY 2015
www.ti.com
8.6.2 RX Registers
8.6.2.1 RX Register 4 (offset = 0000 0000) [reset = 0h]
Figure 45. RX Register 4
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 7. RX Register 4 Field Descriptions
Bit
Field
Type
Reset
Description
RX disable bit
7
RX_DIS
R/W
0h
1 = RX disabled (power-down)
0 = RX enabled
RX Output Driver disable bit
6
RXOUT_DIS
R/W
0h
1 = output driver is disabled
0 = output driver is enabled
RX Output polarity switch bit
5
RXOUTPOL
R/W
0h
1 = inverted polarity
0 = normal polarity
RX CDR disable bit
4
RXCDR_DIS
R/W
0h
1 = RX CDR is disabled and bypassed
0 = RX CDR is enabled
RX CDR bypass bit
1 = RX-CDR bypassed. TX_CDRBP must be set to 1 for this function to
3
RX_CDRBP
R/W
0h
operate.
0 = RX-CDR not bypassed
RX Offset cancellation disable bit
2
RXOC_DIS
R/W
0h
1 = offset cancellation and threshold adjust is disabled
0 = offset cancellation and threshold adjust is enabled
RX Equalizer disable bit
1
RXEQ_DIS
R/W
0h
1 = RX Equalizer is disabled and bypassed
0 = RX Equalizer is enabled
LOS range bit
0
RXLOSRNG
R/W
0h
1 = low LOS assert voltage range
0 = high LOS assert voltage range
34
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ONET1130EC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com