Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ONET1130EC Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ONET1130EC
Description  11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ONET1130EC Datasheet(HTML) 4 Page - Texas Instruments

  ONET1130EC Datasheet HTML 1Page - Texas Instruments ONET1130EC Datasheet HTML 2Page - Texas Instruments ONET1130EC Datasheet HTML 3Page - Texas Instruments ONET1130EC Datasheet HTML 4Page - Texas Instruments ONET1130EC Datasheet HTML 5Page - Texas Instruments ONET1130EC Datasheet HTML 6Page - Texas Instruments ONET1130EC Datasheet HTML 7Page - Texas Instruments ONET1130EC Datasheet HTML 8Page - Texas Instruments ONET1130EC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
ONET1130EC
SLLSEJ3A – JUNE 2015 – REVISED JULY 2015
www.ti.com
Pin Functions (continued)
NUMBER
NAME
Type
DESCRIPTION
2-wire interface serial data input. Requires an external 4.7-k
Ω to10-kΩ pull-up resistor
SDA
17
Digital-in/out
to VCC. This pin is 3.3-V tolerant.
2-wire interface serial clock input. Requires an external 4.7-k
Ω to10-kΩ pull-up
SCK
18
Digital-in
resistor to VCC. This pin is 3.3-V tolerant.
Disables both bias and modulation currents when set to high state. Includes a 250-k
Ω
pull-up resistor to VCC. Requires an external 4.7 k
Ω to 10 kΩ pull-up resistor to VCC
TX_DIS
32
Digital-in
for proper operation Toggle to reset a fault condition. This is an ORed function with
the TXBIASEN bit (bit 2 in register 1). This pin is 3.3-V tolerant.
Non-inverted transmitter data input. On-chip differentially 100
Ω terminated to TXIN–.
TXIN+
4
Analog-in
Must be AC coupled.
Inverted transmitter data input. On-chip differentially 100
Ω terminated to TXIN+. Must
TXIN–
5
Analog-in
be AC coupled.
TX_LF
9
Analog-in
Transmitter loop filter capacitor.
Transmitter fault detection flag. High level indicates that a fault has occurred. Open
TX_FLT
31
Digital-out
drain output. Requires an external 4.7 k
Ω to 10 kΩ pull-up resistor to VCC for proper
operation. This pin is 3.3-V tolerant.
Inverted transmitter data output. Internally terminated in single-ended operation
TXOUT–
12
CML-out
mode.
TXOUT+
13
CML-out
Non-Inverted transmitter data output.
VCC_RX
27, 30
Supply
2.5 V ± 5% supply for the receiver.
VCC_TX
11, 14
Supply
2.5 V ± 5% supply for the transmitter.
VDD
15
Supply
2.5 V ± 5% supply for the digital circuitry.
Exposed Pad
EP
Exposed die pad. Solder to the PCB.
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ONET1130EC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com