Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT8231 Datasheet(PDF) 130 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 130 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 124Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 125Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 126Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 127Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 128Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 129Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 130Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 131Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 132Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 130 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-124-
Electrical Specifications
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings
Parameter
Min
Max
Unit
Comment
Storage temperature
-55
125
oCT
S
Operating temperature - Case
0
85
oCT
C
Operating temperature - Ambient
0
70
oCT
A
Reference Voltage
0
5.5
Volts
VREF
Core Voltage
0
3.6
Volts
VCC
Suspend Voltage
-0.5
VCC + 0.3
Volts
VSUS
USB Voltage
-0.5
VCC + 0.3
Volts
VUSB
Hardware Monitor Voltage
-0.5
VCC + 0.3
Volts
VHWM
LAN MII Voltage
-0.5
VCC + 0.3
Volts
VMII
LAN RAM Voltage
-0.5
VCC + 0.3
Volts
VRAM
PLL Voltage
-0.5
VCC + 0.3
Volts
VPLL
Battery Voltage
-0.5
VCC + 0.3
Volts
VBAT
Input voltage (3.3V only inputs)
-0.5
VCC + 0.3
Volts
FERR#, USBCLK, PWRBTN#,
EXTSMI#, BATLOW#, FAN1,
FAN2, SMBCLK, SMBDATA
Input voltage (5V tolerant inputs)
-0.5
VREF + 0.5
Volts
All other inputs
Note: Stress above the conditions listed may cause permanent damage to the device. Functional
operation of this device should be restricted to the conditions described under operating
conditions.
DC Characteristics
TA -0-70oC, VREF=5V ±5%,, VBAT=3.3V +0.3/-1.3V, GND=0V
VCC=VCCSUS=VCCHWM=VCCUSB=VCCMII=VCCRAM=VCCPLL=3.3V ±0.3V
Symbol
Parameter
Min
Max
Unit
Condition
VIL
Input low voltage
-0.5
0.8
V
VIH
Input high voltage
2.0
VCC+0.3
V
VOL
Output low voltage
-
0.45
V
IOL = 4.0mA
VOH
Output high voltage
2.4
-
V
IOH = -1.0mA
IIL
Input leakage current
-
±10
uA
0 < VIN < VCC
IOZ
Tristate leakage current
-
±20
uA
0.45 < VOUT < VCC
ICC
Power supply current
-
80
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com