Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT8231 Datasheet(PDF) 131 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 131 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 124Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 125Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 126Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 127Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 128Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 129Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 130Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 131Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 132Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 131 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-125-
Electrical Specifications
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Output Drive
TA -0-70oC, VREF=5V ±5%,, VBAT=3.3V +0.3/-1.3V, GND=0V
VCC=VCCSUS=VCCHWM=VCCUSB=VCCMII=VCCRAM=VCCPLL=3.3V ±0.3V
Drive
Signal
Load
Delay
4 mA
GPO0, GPIOA, GPIOC, GPIOD, GPIOE, EECS#, EECK, EEDO, APICD[1:0],
SMBCK1, SMBCK2, SMBDT1, SMBDT2,
SUSA#, SUSB#, SUSC#, SUSCLK, SUSST1#,
A20M#, INIT, INTR, NMI, ROMCS#, STPCLK#, CPURST, SMI#, IGNNE#, SLP#,
TXD, RTS#, DTR#, IRTX
50 pF
50 pF
50 pF
50 pF
50 pF
15 ns
15 ns
15 ns
15 ns
15 ns
8 mA
KBDT, KBCK, MSDT, MSCK,
PCISTP#, CPUSTP#,
SD[15:0], PDD[15:0], SDD[15:0],
MDCK, MDIO, MTXENA, MTXD[3:0],
PREQL#, PREQH#
50 pF
50 pF
50 pF
50 pF
30 pF
10 ns
8 ns
8 ns
8 ns
6 nS
12 mA
PDCS1#, PDCS3#, SDCS1#, SDCS3#, PDA[2:0], SDA[2:0],
PDDACK#, SDDACK#, PDIOR#, PDIOW#, SDIOR#, SDIOW#
40 pF
40 pF
8 ns
8 ns
16 mA
LA[21:20], SA[19:0], MEMR#, MEMW#, IOR#, IOW#, PCIRST#
85 pF
10 ns
PCI
AD[31:0],
CBE[3:0]#, FRAME#, DEVSEL#, IRDY#, TRDY#, STOP#, PAR, PCKRUN#
50 pF
50 pF
6 ns
5 ns
LFRAME#, LAD[3:0], USBP[3:0]+/-
ACRST, ACSYNC, ACSDOUT, MSO
PCS0#, PCS1#, MCCS#, SPKR
DRVDEN[1:0], MTR[1:0]#, DS[1:0]#, DIR#, STEP#, HDSEL#, WDATA#, WGATE#
PINIT#, STROBE#, AUTOFD#, SLCTIN#, PD[7:0]
RTCX2
Input Voltage
TA -0-70oC, VREF=5V ±5%,, VBAT=3.3V +0.3/-1.3V, GND=0V
VCC=VCCSUS=VCCHWM=VCCUSB=VCCMII=VCCRAM=VCCPLL=3.3V ±0.3V
Input Voltage
Signal
Analog
DTD+/-, UIC[5:1]
1.5 – 3.3V Programmable Threshold
FERR#
5V
AD[31:0], CBE[3:0]#, FRAME#, DEVSEL#, IRDY#, TRDY#, STOP#, SERR#,
PAR, SERIRQ, PCKRUN#
3.3V (5V Tolerant)
PGNTH#, PGNTL#, PINT[A:D]#,
SA[19:0], SD[15:0], MEMR#, MEMW#, IOR#, IOW#, OSC,
PDD[15:0], SDD[15:0], PDDRQ, SDDRQ, PDRDY, SDRDY, IRQ14, IRQ15,
KBCK, KBDT, MSCK, MSDT, GAMED[7:0],
INDEX#, TRK00#, RDATA#, DSKCHG#, WRTPRT#, PD[7:0],
PINIT#, STROBE#, AUTOFD#, SLCTIN#, SLCT, ACK#, ERROR#, BUSY, PE,
RXD, CTS#, DSR#, DCD#, RI#, IRRX, IRRX2,
SMBCK1, SMBCK2, SMBDT1, SMBDT2, SMBALRT#,
MCOL, MCRS, MDIO, MRXCLK, MRXD[3:0], MRXDV, MRXERR, MTXCLK,
MSI, ACSDIN[2:0], ACBITCLK,
GPIOA, GPIOC, GPIOD, GPIOE, GPI0, GPI1, PWRGD, BATLOW#, THRM
3.3 V
USBP[3:0]+/-, USBCLK, USBOC[1:0]#, LDRQ#, LAD[3:0], EEDI,
PCICLK, APICCLK, WSC#, FAN1, FAN2 / SLPBTN#, PWRBTN#, RTCX1,
EXTSMI#, RSMRST#, PME#, LID, RING#, CPUMISS, INTRUDER#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com