Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C65013-PVC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C65013-PVC
Description  USB Hub with Microcontroller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C65013-PVC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C65013-PVC Datasheet HTML 1Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 2Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 3Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 4Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 5Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 6Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 7Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 8Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
CY7C65013
CY7C65113
Document #: 38-08002 Rev. *B
Page 4 of 51
LIST OF FIGURES
Figure 5-1. Program Memory Space with Interrupt Vector Table ........................................................ 13
Figure 6-1. Clock Oscillator On-Chip Circuit ........................................................................................ 16
Figure 7-1. Watchdog Reset (Address 0x26) ...................................................................................... 17
Figure 9-1. Block Diagram of a GPIO Pin ............................................................................................ 18
Figure 9-2. Port 0 Data ........................................................................................................................ 18
Figure 9-3. Port1 Data ......................................................................................................................... 18
Figure 9-4. Port 2 Data ........................................................................................................................ 18
Figure 9-6. GPIO Configuration Register ............................................................................................. 19
Figure 9-5. Port 3 Data ........................................................................................................................ 19
Figure 9-7. Port 0 Interrupt Enable ...................................................................................................... 20
Figure 9-8. Port 1 Interrupt Enable ...................................................................................................... 20
Figure 10-1. Timer LSB Register ......................................................................................................... 21
Figure 10-2. Timer MSB Register ........................................................................................................ 21
Figure 9-9. Port 2 Interrupt Enable ...................................................................................................... 21
Figure 9-10. Port 3 Interrupt Enable .................................................................................................... 21
Figure 10-3. Timer Block Diagram ....................................................................................................... 22
Figure 11-1. I2C Configuration Register ............................................................................................... 22
Figure 12-1. I2C Data Register ............................................................................................................. 23
Figure 12-2. I2C Status and Control Register ...................................................................................... 23
Figure 13-1. Processor Status and Control Register ........................................................................... 24
Figure 14-1. Global Interrupt Enable Register ..................................................................................... 25
Figure 14-2. USB Endpoint Interrupt Enable Register ......................................................................... 26
Figure 14-3. Interrupt Controller Function Diagram ............................................................................. 27
Figure 14-4. GPIO Interrupt Structure ................................................................................................. 29
Figure 16-1. Hub Ports Connect Status ............................................................................................... 31
Figure 16-2. Hub Ports Speed ............................................................................................................. 31
Figure 16-3. Hub Ports Enable Register .............................................................................................. 32
Figure 16-4. Hub Downstream Ports Control Register ........................................................................ 33
Figure 16-5. Hub Ports Force Low Register ........................................................................................ 33
Figure 16-6. Hub Ports Force Low Register ........................................................................................ 33
Figure 16-7. Hub Ports SE0 Status Register ....................................................................................... 33
Figure 16-8. Hub Ports Data Register ................................................................................................. 34
Figure 16-9. Hub Ports Suspend Register ........................................................................................... 34
Figure 16-10. Hub Ports Resume Status Register .............................................................................. 35
Figure 16-11. USB Status and Control Register .................................................................................. 35
Figure 17-1. USB Device Address Registers ....................................................................................... 36
Figure 17-2. USB Device Endpoint Zero Mode Registers ................................................................... 37
Figure 17-3. USB Non-control Device Endpoint Mode Registers ........................................................ 38
Figure 17-4. USB Endpoint Counter Registers .................................................................................... 39
Figure 17-5. Token/Data Packet Flow Diagram ...................................................................................40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com