Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C65013-PVC Datasheet(PDF) 44 Page - Cypress Semiconductor

Part # CY7C65013-PVC
Description  USB Hub with Microcontroller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C65013-PVC Datasheet(HTML) 44 Page - Cypress Semiconductor

Back Button CY7C65013-PVC Datasheet HTML 40Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 41Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 42Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 43Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 44Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 45Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 46Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 47Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 48Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 51 page
background image
CY7C65013
CY7C65113
Document #: 38-08002 Rev. *B
Page 44 of 51
Nak In/premature status Out
1
1
1
0
Out
2
UC
valid
1
1
updates
UC
UC
1
1
NoChange
ACK
yes
1
1
1
0
Out
2
UC
valid
0
1
updates
UC
UC
1
UC
0
011Stall
yes
1
1
1
0
Out
!=2
UC
valid
updates
1
updates
UC
UC
1
UC
0
011Stall
yes
1
1
1
0
Out
> 10
UC
x
UC
UC
UC
UC
UC
UC
UC
NoChange
ignore
no
1
1
1
0
Out
x
UC
invalid
UC
UC
UC
UC
UC
UC
UC
NoChange
ignore
no
1
1
1
0
In
x
UC
x
UC
UC
UC
UC
1
UC
UC
NoChange
NAK
yes
Status Out/extra In
0
0
1
0
Out
2
UC
valid
1
1
updates
UC
UC
1
1
NoChange
ACK
yes
0
0
1
0
Out
2
UC
valid
0
1
updates
UC
UC
1
UC
0
011Stall
yes
0
0
1
0
Out
!=2
UC
valid
updates
1
updates
UC
UC
1
UC
0
011Stall
yes
0
0
1
0
Out
> 10
UC
x
UC
UC
UC
UC
UC
UC
UC
NoChange
ignore
no
0
0
1
0
Out
x
UC
invalid
UC
UC
UC
UC
1
UC
UC
NoChange
ignore
no
0
0
1
0
In
x
UC
x
UC
UC
UC
UC
1
UC
UC
0
011Stall
yes
OUT ENDPOINT
Properties of Incoming Packet
Changes made by SIE to Internal Registers and Mode Bits
Mode Bits
token
count
buffer
dval
DTOG
DVAL
COUNT
Setup
In
Out
ACK
Mode Bits
Response
Intr
Normal Out/erroneous In
1
0
0
1
Out
<= 10
data
valid
updates
1
updates
UC
UC
1
1
1
000ACK
yes
1
0
0
1
Out
> 10
junk
x
updates
updates
updates
UC
UC
1
UC
NoChange
ignore
yes
1
0
0
1
Out
x
junk
invalid
updates
0
updates
UC
UC
1
UC
NoChange
ignore
yes
1
0
0
1
In
x
UC
x
UC
UC
UC
UC
UC
UC
UC
NoChange
ignore
no
(STALL[6] = 0)
1
0
0
1
In
x
UC
x
UC
UC
UC
UC
UC
UC
UC
NoChange
Stall
no
(STALL[6] = 1)
NAK Out/erroneous In
1
0
0
0
Out
<= 10
UC
valid
UC
UC
UC
UC
UC
1
UC
NoChange
NAK
yes
1
0
0
0
Out
> 10
UC
x
UC
UC
UC
UC
UC
UC
UC
NoChange
ignore
no
1
0
0
0
Out
x
UC
invalid
UC
UC
UC
UC
UC
UC
UC
NoChange
ignore
no
1
0
0
0
In
x
UC
x
UC
UC
UC
UC
UC
UC
UC
NoChange
ignore
no
Isochronous endpoint (Out)
0
1
0
1
Out
x
updates
updates
updates
updates
updates
UC
UC
1
1
NoChange
RX
yes
0
1
0
1
In
x
UC
x
UC
UC
UC
UC
UC
UC
UC
NoChange
ignore
no
IN ENDPOINT
Properties of Incoming Packet
Changes made by SIE to Internal Registers and Mode Bits
Mode Bits
token
count
buffer
dval
DTOG
DVAL
COUNT
Setup
In
Out
ACK
Mode Bits
Response
Intr
Normal In/erroneous Out
1
1
0
1
Out
x
UC
x
UC
UC
UC
UC
UC
UC
UC
NoChange
ignore
no
(STALL[6] = 0)
1
1
0
1
Out
x
UC
x
UC
UC
UC
UC
UC
UC
UC
NoChange
stall
no
(STALL[6] = 1)
1
1
0
1
In
x
UC
x
UC
UC
UC
UC
1
UC
1
1
100ACK (back)
yes
NAK In/erroneous Out
1
1
0
0
Out
x
UC
x
UC
UC
UC
UC
UC
UC
UC
NoChange
ignore
no
1
1
0
0
In
x
UC
x
UC
UC
UC
UC
1
UC
UC
NoChange
NAK
yes
Isochronous endpoint (In)
0
1
1
1
Out
x
UC
x
UC
UC
UC
UC
UC
UC
UC
NoChange
ignore
no
0
1
1
1
In
x
UC
x
UC
UC
UC
UC
1
UC
UC
NoChange
TX
yes
Table 18-3. Details of Modes for Differing Traffic Conditions (see Table 18-2 for the decode legend) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com