Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C65013-PVC Datasheet(PDF) 46 Page - Cypress Semiconductor

Part # CY7C65013-PVC
Description  USB Hub with Microcontroller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C65013-PVC Datasheet(HTML) 46 Page - Cypress Semiconductor

Back Button CY7C65013-PVC Datasheet HTML 42Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 43Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 44Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 45Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 46Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 47Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 48Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 49Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 50Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 51 page
background image
CY7C65013
CY7C65113
Document #: 38-08002 Rev. *B
Page 46 of 51
0x48
Hub Port Connect Status
Reserved
Port 7
Connect
Status
Port 6
Connect
Status
Port 5
Connect
Status
Port 4
Connect
Status
Port 3
Connect
Status
Port 2
Connect
Status
Port 1
Connect
Status
BBBBBBBB
00000000
0x49
Hub Port Enable
Reserved
Port 7
Enable
Port 6
Enable
Port 5
Enable
Port 4
Enable
Port 3
Enable
Port 2
Enable
Port 1
Enable
BBBBBBBB
00000000
0x4A
Hub Port Speed
Reserved
Port 7
Speed
Port 6
Speed
Port 5
Speed
Port 4
Speed
Port 3
Speed
Port 2
Speed
Port 1
Speed
BBBBBBBB
00000000
0x4B
Hub Port Control (Ports
4:1)
Port 4
Control Bit 1
Port 4
Control Bit 0
Port 3
Control Bit 1
Port 3
Control Bit 0
Port 2
Control Bit 1
Port 2
Control Bit 0
Port 1
Control Bit 1
Port 1
Control Bit 0
BBBBBBBB
00000000
0x4C
Hub Port Control (Ports
7:5)
Reserved
Reserved
Port 7
Control Bit 1
Port 7
Control Bit 0
Port 6
Control Bit 1
Port 6
Control Bit 0
Port 5
Control Bit 1
Port 5
Control Bit 0
--BBBBBB
--000000
0x4D
Hub Port Suspend
Device
Remote
Wakeup
Port 7
Selective
Suspend
Port 6
Selective
Suspend
Port 5
Selective
Suspend
Port 4
Selective
Suspend
Port 3
Selective
Suspend
Port 2
Selective
Suspend
Port 1
Selective
Suspend
BBBBBBBB
00000000
0x4E
Hub Port Resume Status
Reserved
Resume 7
Resume 6
Resume 5
Resume 4
Resume 3
Resume 2
Resume 1
-RRRRRRR
00000000
0x4F
Hub Port SE0 Status
Reserved
Port 7
SE0 Status
Port 6
SE0 Status
Port 5
SE0 Status
Port 4
SE0 Status
Port 3
SE0 Status
Port 2
SE0 Status
Port 1
SE0 Status
RRRRRRRR
00000000
0x50
Hub Ports Data
Reserved
Port 7
Diff. Data
Port 6
Diff. Data
Port 5
Diff. Data
Port 4
Diff. Data
Port 3
Diff. Data
Port 2
Diff. Data
Port 1
Diff. Data
RRRRRRRR
00000000
0x51
Hub Port Force Low
(Ports 4:1)
Force Low
D+[4]
Force Low
D–[4]
Force Low
D+[3]
Force Low
D–[3]
Force Low
D+[2]
Force Low
D–[2]
Force Low
D+[1]
Force Low
D–[1]
BBBBBBBB
00000000
0x52
Hub Port Force Low
(Ports 7:5)
Reserved
Reserved
Force Low
D+[7]
Force Low
D–[7]
Force Low
D+[6]
Force Low
D–[6]
Force Low
D+[5]
Force Low
D–[5]
--BBBBBB
00000000
0xFF
Process Status & Control
IRQ
Pending
Watchdog
Reset
USB Bus
Reset
Interrupt
Power-on
Reset
Suspend
Interrupt
Enable
Sense
Reserved
Run
RBBBBRBB
00010001
19.0
Register Summary (continued)
Address
Register Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Read/Write/B
oth/–[7]
Default/
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com