Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C65013-PVC Datasheet(PDF) 47 Page - Cypress Semiconductor

Part # CY7C65013-PVC
Description  USB Hub with Microcontroller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C65013-PVC Datasheet(HTML) 47 Page - Cypress Semiconductor

Back Button CY7C65013-PVC Datasheet HTML 43Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 44Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 45Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 46Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 47Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 48Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 49Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 50Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 51Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 47 / 51 page
background image
CY7C65013
CY7C65113
Document #: 38-08002 Rev. *B
Page 47 of 51
20.0
Sample Schematic
21.0
Absolute Maximum Ratings
Storage Temperature ................................................................................................................................... –65°C to +150°C
Ambient Temperature with Power Applied .......................................................................................................... 0°C to +70°C
Supply voltage on VCC relative to VSS ..............................................................................................................–0.5V to +7.0V
DC Input Voltage................................................................................................................................... –0.5V to +VCC + 0.5V
DC Voltage applied to Outputs in High Z State ..................................................................................... –0.5V to +VCC + 0.5V
Power Dissipation ....................................................................................................................................................... 500 mW
Static Discharge Voltage ............................................................................................................................................ > 2000V
Latch-up Current ..................................................................................................................................................... > 200 mA
Max Output Sink Current into Port 0, 1, 2, 3 ................................................................................................................ 60 mA
Max Output Sink Current into DAC[7:2] Pins ................................................................................................................ 10 mA
Max Output Source Current from Port 1, 2, 3, 4, 5, 6, 7 .............................................................................................. 30 mA
XTALO
XTALI
D0-
D0+
D1+
D1-
D2-
D2+
D3-
D3+
D4-
D4+
Vpp
GND
GND
IN
OUT
USB-B
Vbus
D-
D+
GND
.01 uF
6.000 MHz
22x2(Rext)
Vbus
Vref
Vref
.01 uF
2.2 uF
2.2 uF
1.5K
SHELL
10M
4.7nF
250 VAC
POWER
MANAGEMENT
USB-A
Vbus
D-
D+
GND
USB-A
Vbus
D-
D+
GND
USB-A
Vbus
D-
D+
GND
USB-A
Vbus
D-
D+
GND
15K(x8)
22x8(Rext)
Optional
3.3v Regulator
(RUUP)
(RUDN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com