Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT6523 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT6523
Description  PS/2 Mouse Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6523 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

  HT6523 Datasheet HTML 1Page - Holtek Semiconductor Inc HT6523 Datasheet HTML 2Page - Holtek Semiconductor Inc HT6523 Datasheet HTML 3Page - Holtek Semiconductor Inc HT6523 Datasheet HTML 4Page - Holtek Semiconductor Inc HT6523 Datasheet HTML 5Page - Holtek Semiconductor Inc HT6523 Datasheet HTML 6Page - Holtek Semiconductor Inc HT6523 Datasheet HTML 7Page - Holtek Semiconductor Inc HT6523 Datasheet HTML 8Page - Holtek Semiconductor Inc HT6523 Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Timing Diagrams
Data Output
Timing Parameter
Min/Max
T1
Data transition to the falling edge of CLK
5/25
ms
T2
Rising edge of CLK to DATA transition
5/T4-5
ms
T3
Duration of CLK low
30/50
ms
T4
Duration of CLK high
30/50
ms
T5
Minimum time to MOUSE inhibit after clock 11
>0
ms
T6
Maximum time to MOUSE inhibit after clock 11 to ensure MOUSE does not start another trans-
mission
<50
ms
Data Input
Timing Parameter
Min/Max
T7
Duration of CLK low
30/50
ms
T8
Duration of CLK high
30/50
ms
T9
Time from low to high CLK transition to time when MOUSE samples DATA line
5/25
ms
HT6523
Rev. 1.20
6
March 6, 2003
( 1 )
( 3 )
( 3 )
( 3 )
( 3 )
( 4 )
1 s t
C L K
2 n d
C L K
1 0 t h
C L K
1 1 t h
C L K
D A T A
S t a r t B i t
B i t 0
P a r i t y B i t
S t o p B i t
T 5
T 3
T 4
T 1
T 2
( 2 )
( 5 ) ( 7 )
C L K
( 6 )
T 6
( 1 )
( 3 )
( 4 )
M o u s e
I n h i b i t
2 n d
C L K
1 0 t h
C L K
1 1 t h
C L K
D A T A
S t a r t B i t
B i t 0
P a r i t y B i t
S t o p B i t
T 7
T 8
T 9
( 5 )
( 7 )
C L K
( 6 )
1 s t
C L K
( 2 )
9 t h
C L K
( 8 )
( 5 )



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com