Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT6523 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT6523
Description  PS/2 Mouse Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6523 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT6523 Datasheet HTML 1Page - Holtek Semiconductor Inc HT6523 Datasheet HTML 2Page - Holtek Semiconductor Inc HT6523 Datasheet HTML 3Page - Holtek Semiconductor Inc HT6523 Datasheet HTML 4Page - Holtek Semiconductor Inc HT6523 Datasheet HTML 5Page - Holtek Semiconductor Inc HT6523 Datasheet HTML 6Page - Holtek Semiconductor Inc HT6523 Datasheet HTML 7Page - Holtek Semiconductor Inc HT6523 Datasheet HTML 8Page - Holtek Semiconductor Inc HT6523 Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HT6523
PS/2 Mouse Controller
Pin Assignment
Pin Description
Pin No.
Pin Name
I/O
Description
1, 5
NC
¾
No connection
2
TEST
I
If TEST is floating or connected to VSS, then the chip is under normal opera-
tion. If TEST is connected to VDD, it will operate under the TEST mode.
3
RESET
I
Input to reset internal LSI
4
OSC
I
OSC is connected to an external resistor then to VDD to generate a 6MHz sys-
tem clock.
6
CLK
I/O
Synchronous clock signal. The mouse generates a clock signal when sending
data to and receiving data from the system.
7
DATA
I/O
Bidirectional data transmission line
8
VSS
¾
Negative power supply, ground
9
10
11
RB
MB
LB
I
In the non-active state these 3 switch inputs are pulled low. To activate they
must be connected to VDD.
In the TEST mode, MB, LB will indicate the condition of the X1, X2 inputs, if RB
is left floating or connected to VSS. Also in the TEST mode, if RB is connected
to VDD then MB and LB will indicate the condition of the Y1 and Y2 inputs.
12
13
14
15
X1
X2
Y1
Y2
I
Mouse interface input terminal. Four photo-coupler signals denote UP, DOWN,
LEFT and RIGHT state.
16
VDD
¾
Positive power supply
Rev. 1.20
1
March 6, 2003
General Description
The HT6523 is a PS/2 compatible mouse controller IC.
Capable of driving up to 3 key-switches and 4
photo-couplers directly into a 6-pin connector line.
Features
· Compatible with IBM PS/2 mouse
· Integrated oscillator circuit with external resistor
· 6MHz clock frequency
· Minimal external components
· Three key-switches and four photo-coupler inputs
· Supports test mode operation
· 16-pin DIP package
1 6
1 5
1 4
1 3
1 2
1 1
1 0
9
1
2
3
4
5
6
7
8
H T 6 5 2 3
1 6 D I P - A
N C
T E S T
R E S E T
O S C
N C
C L K
D A T A
V S S
V D D
Y 2
Y 1
X 2
X 1
L B
M B
R B


Similar Part No. - HT6523

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT651 HOLTEK-HT651 Datasheet
837Kb / 14P
318 Series of Decoders
2nd Oct 97
HT6513 HOLTEK-HT6513 Datasheet
297Kb / 8P
Mouse Controller
23rd Oct 96
HT654 HOLTEK-HT654 Datasheet
837Kb / 14P
318 Series of Decoders
2nd Oct 97
HT6542B HOLTEK-HT6542B Datasheet
305Kb / 7P
Keyboard Controller with PS/2
30th Nov 95
HT6547C HOLTEK-HT6547C Datasheet
1,008Kb / 20P
KEYBOARD ENCODER FOR WINDOWS95
More results

Similar Description - HT6523

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9206 ROHM-BU9206 Datasheet
62Kb / 6P
PS / 2 Mouse Controller
logo
ELAN Microelectronics C...
EM84510 EMC-EM84510 Datasheet
108Kb / 19P
PS/2 SCROLLING MOUSE CONTROLLER
logo
Holtek Semiconductor In...
HT82M398A HOLTEK-HT82M398A Datasheet
93Kb / 8P
WIN2000 3D PS/2 Mouse Controller
February 22, 2000
HT82M39A HOLTEK-HT82M39A Datasheet
105Kb / 10P
3D PS/2 Mouse Controller
August 5, 1999
logo
Unisonic Technologies
UT84520 UTC-UT84520 Datasheet
135Kb / 13P
PS/2 SCROLLING MOUSE CONTROLLER
logo
Silan Microelectronics ...
SC84502AP SILAN-SC84502AP Datasheet
143Kb / 14P
PS/2 MOUSE CONTROLLER
logo
ELAN Microelectronics C...
EKM8050 EMC-EKM8050 Datasheet
487Kb / 9P
USB & PS/2 Optical Mouse Controller
logo
Zilog, Inc.
Z86319 ZILOG-Z86319 Datasheet
278Kb / 23P
PS/2 MOUSE CONTROLLER
logo
ELAN Microelectronics C...
EKM8022 EMC-EKM8022 Datasheet
334Kb / 20P
USB & PS/2 Mouse Controller
EKM8025 EMC-EKM8025 Datasheet
609Kb / 17P
USB & PS/2 Mouse Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com