Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT6523 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT6523
Description  PS/2 Mouse Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6523 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT6523 Datasheet HTML 1Page - Holtek Semiconductor Inc HT6523 Datasheet HTML 2Page - Holtek Semiconductor Inc HT6523 Datasheet HTML 3Page - Holtek Semiconductor Inc HT6523 Datasheet HTML 4Page - Holtek Semiconductor Inc HT6523 Datasheet HTML 5Page - Holtek Semiconductor Inc HT6523 Datasheet HTML 6Page - Holtek Semiconductor Inc HT6523 Datasheet HTML 7Page - Holtek Semiconductor Inc HT6523 Datasheet HTML 8Page - Holtek Semiconductor Inc HT6523 Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Hex Code
Command
Description
F0
Set remote mode
This command sets the remote mode. Data values are reported only in response to
a Read Data command.
EE
Set wrap mode
This command sets the wrap mode. This mode remains until hex FF or hex EC is
received.
EC
Reset wrap mode
This command resets the wrap mode
EB
Read data
This command requests that all data defined in the data packet format be transmit-
ted. This command is executed in either remote or stream mode. The data is trans-
mitted even if there has been no movement since the last report or the switch status
is unchanged. Following a Read Data command, the accumulators are cleared af-
ter a data transmission.
EA
Set stream mode
This command sets the stream mode
E9
Status request
When this command is issued by the system, the mouse responds with a 3-byte
status report as follows:
E8, XX
Set resolution
The mouse provides four resolutions selected by the second byte of this command
as follows:
E7
Set scaling 2:1
Scaling is used to provide a course/fine tracking response. At the end of a sample
interval in the stream mode, the current X and Y data values are converted to new
values. The sign bits are not involved in this conversion. 2:1 scaling is only per-
formed in stream mode. In response to a Read Data command, the mouse will
transmit the current value before conversion.
E6
Reset scaling
This command restores 1:1 scaling
HT6523
Rev. 1.20
5
March 6, 2003
Byte
Bit
Description
3
2
1
0~7
0~7
7
6
5
4
3
2
1
0
Current sampling rate
Current resolution setting
always = 0
0 = Stream mode, 1 = Remote mode
0 = Disabled, 1 = Enabled
0 = Scaling 1:1, 1 = Scaling 2:1
always = 0
1 = Left button pressed
Reserved for middle button
1 = Right button pressed
Second Byte
Resolution (Counts per mm)
hex XX
200 DPI
320 DPI
400 DPI
hex 00
hex 01
hex 02
hex 03
1
2
4
8
1
3
6
12
2
4
8
16
Input
Output
0
1
2
3
4
5
N(
³6)
0
1
1
3
6
9
2.0
´ N



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com