Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT6523 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT6523
Description  PS/2 Mouse Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6523 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT6523 Datasheet HTML 1Page - Holtek Semiconductor Inc HT6523 Datasheet HTML 2Page - Holtek Semiconductor Inc HT6523 Datasheet HTML 3Page - Holtek Semiconductor Inc HT6523 Datasheet HTML 4Page - Holtek Semiconductor Inc HT6523 Datasheet HTML 5Page - Holtek Semiconductor Inc HT6523 Datasheet HTML 6Page - Holtek Semiconductor Inc HT6523 Datasheet HTML 7Page - Holtek Semiconductor Inc HT6523 Datasheet HTML 8Page - Holtek Semiconductor Inc HT6523 Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+5.5V
Storage Temperature ............................
-50°Cto125°C
Input Voltage............................. VSS
-0.3 to VDD+0.3V
Operating Temperature...........................
-25°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
D.C. Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
4.75
¾
5.25
V
IDD
Operating Current
5V
fSYS=6MHz, No load
¾¾
5mA
VIL
Input Low Voltage for I/O Ports
3V
¾
0
¾
0.9
V
5V
0
¾
1.5
VIH
Input High Voltage for I/O Ports
3V
¾
2.1
¾
3
V
5V
3.5
¾
5
VIL1
Input Low Voltage (RESET)
3V
¾
0
¾
0.7
V
5V
0
¾
1.3
VIH1
Input High Voltage (RESET)
3V
¾
2.3
¾
3
V
5V
3.8
¾
5
VIL2
Input Low Voltage (X1, X2, Y1, Y2)
3V
¾
0
¾
1
V
5V
0
¾
2
VIH2
Input High Voltage (X1, X2, Y1, Y2)
3V
¾
2
¾
3
V
5V
3
¾
5
IOL
I/O Ports Sink Current
3V
VOL=0.3V
1.5
2.5
¾
mA
5V
VOL=0.5V
46
¾
IOH
I/O Ports Source Current
3V
VOH=2.7V
-1
-1.5
¾
mA
5V
VOH=4.5V
-2
-3
¾
IOL1
CLK, DATA Sink Current
3V
VOL=0.3V
8
¾¾
mA
5V
VOL=0.5V
8
¾¾
IOH1
CLK, DATA Source Current
3V
VOH=2.7V
-1.5
-2.5
¾
mA
5V
VOH=4.5V
-1.5
-2.5
¾
RPH
Pull-high Resistance of CLK, DATA
3V
¾
5
7.5
10
k
W
5V
¾
3
4.7
6.3
RPL
Pull-low Resistance of TEST, RB,
MB, LB
3V
¾
10
30
50
k
W
5V
¾
817
35
RPL1
Pull-low Resistance of X1, X2, Y1,
Y2
3V
¾
60
100
160
k
W
5V
¾
35
60
90
HT6523
Rev. 1.20
2
March 6, 2003



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com