Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT6523 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT6523
Description  PS/2 Mouse Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6523 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT6523 Datasheet HTML 1Page - Holtek Semiconductor Inc HT6523 Datasheet HTML 2Page - Holtek Semiconductor Inc HT6523 Datasheet HTML 3Page - Holtek Semiconductor Inc HT6523 Datasheet HTML 4Page - Holtek Semiconductor Inc HT6523 Datasheet HTML 5Page - Holtek Semiconductor Inc HT6523 Datasheet HTML 6Page - Holtek Semiconductor Inc HT6523 Datasheet HTML 7Page - Holtek Semiconductor Inc HT6523 Datasheet HTML 8Page - Holtek Semiconductor Inc HT6523 Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
· The following describe valid commands:
Hex Code
Command
Description
FF
Reset
This command cause the mouse to enter a reset mode and do an internal self-test.
FE
Resend
The system can send this command when it detects an error in any transmission
from the mouse. The Resend command could be sent following a mouse transmis-
sion and before the system enables the interface allowing the next mouse output.
On receipt of Resend, the mouse retransmits the previous three bytes if the previ-
ous output was a 3-byte packet. The previous two bytes if the previous output was a
2-byte packet, and the previous one byte if the previous output was a 1-byte packet,
unless the previous output from the mouse was a Resent command. In this case,
the mouse will resend the previous output prior to the Resend command. If a Re-
send command is received by the mouse from the host immediately following a
3-byte data packet transmission from the mouse to the host while the mouse is in
stream mode. The mouse should resend the 3-byte data packet prior to clearing the
count accumulators.
F6
Set default
This command reinitializes all conditions to the power-on default state.
F5
Disable
This command is used in the stream mode to stop transmissions initiated from the
mouse. It responds to all other commands while disabled. If the mouse is in the
stream mode, it must be disabled before sending it any command that requires a
response.
F4
Enable
Begin transmission, if in stream mode
F3, XX
Set sampling
rate
In the stream mode, this command sets the sampling rate to the value indicated by
bytes hex XX shown in the following figure:
Second Byte hex XX (sample rate): hex 0A (10/sec), hex 14 (20/sec),
hex 28 (40/sec), hex 3C (60/sec), hex 50 (80/sec), hex 64 (100/sec),
hex C8 (200/sec)
F2
Read device type
This command always receives a response of hex 00
HT6523
Rev. 1.20
4
March 6, 2003
The response must be within 20ms, unless the host
inhibits the mouse output or inhibits the data transmis-
sions from the system that require a response. If the
host initiates a command or data transmission and the
response is invalid or has a parity error, the host re-
transmits the command or data. If after two retries the
response is still invalid or has a parity error, the host
resets the mouse.
Data Format
The following data report format is valid for the stream
and remote modes and is 3 bytes long:
Byte
Bit
Description
3
2
1
7
6-1
0
7
6-1
0
7
6
5
4
3
2
1
0
MSB of Y Data
Y Data
LSB of Y Data
MSB of X Data
X Data
LSB of X Data
Y Data Overflow 1=Overflow
X Data Overflow 1=Overflow
Y Data sign 1=Negative
X Data sign 1=Negative
Reserved always=1
Reserved for middle Button
Right Button Status 1=Pressed
Left Button Status 1=Pressed
Commands
· The following table lists all the valid commands:
Hex Code
Command
FF
FE
F6
F5
F4
F3
F2
F0
EE
EC
EB
EA
E9
E8
E7
E6
Reset
Resend
Set default
Disable
Enable
Set sampling rate
Read device type
Set remote mode
Set wrap mode
Reset wrap mode
Read data
Set stream mode
Status request
Set resolution
Set scaling 2:1
Reset scaling



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com