| Electronic Components Datasheet Search |
|
PC87365 Datasheet(PDF) 23 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
PC87365 Datasheet(HTML) 23 Page - National Semiconductor (TI) |
|
23 / 215 page ![]() 1.0 Signal/Pin Connection and Description (Continued) 23 www.national.com 1.4.6 General-Purpose Input/Output (GPIO) Ports 1.4.7 Infrared (IR) Signal Pin/s I/O Buffer Type Power Well Description GPIO00-07 2-9 I/O INTS/ OD6,O3/6 VDD General-Purpose I/O Port 0, bits 0-7. Each pin is configured in- dependently as input or I/O, with or without static pull-up and with either open-drain or push-pull output type. The port support inter- rupt assertion and each pin can be enabled or masked as an inter- rupt source. GPIO10 GPIO11-14 GPO15 GPIO16-17 21 53-56 57 69, 71 I/O INTS/ OD6,O3/6 VDD General-Purpose I/O Port 1, bits 0-7. Same as Port 0. Bit 5 is output only with low output as default. GPIO20-27 117-124 I/O INTS/ OD6,O3/6 VDD General-Purpose I/O Port 2, bits 0-7. Similar to port 0 but without the interrupt assertion capability. GPIO30-33 GPIO34 125-128 1 I/O INTS/ OD6,O3/6 VDD General-Purpose I/O Port 3, bits 0-4. Similar to port 0 but without the interrupt assertion capability.Bits 5, 6 and 7 are not implemented. Signal Pin/s I/O Buffer Type Power Well Description IRRX1 59 I INTS VDD,VSB IR Receive 1. Primary input to receive serial data from the IR transceiver. Monitored during power-off for wake-up event detection. IRRX2_IRSL0 58 I/O INTS/O3/6 VDD,VSB IRRX2 - IR Receive 2. Auxiliary IR receiver input to support a second transceiver. Monitored during power-off for wake-up event detection. IRSL3-0 IR Select. Output are used to control the IR transceivers. Input for PnP identification of plug-in IR transceiver (dongle). After reset, the dual-function IRSLX pins wake up in input mode. After the ID is read by the IR driver, they may be put into output mode. The output mode is controlled by Serial Port 2. IRSL1 127 I/O INT/O3/6 VDD IRSL2 69 I/O INT/O3/6 VDD IRSL3 71 I INT VDD IRTX 57 O O6/12 VDD IR Transmit. IR serial output data. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |