Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87365 Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87365
Description  128-Pin LPC SuperI/O with System Hardware Monitoring
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87365 Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button PC87365 Datasheet HTML 27Page - National Semiconductor (TI) PC87365 Datasheet HTML 28Page - National Semiconductor (TI) PC87365 Datasheet HTML 29Page - National Semiconductor (TI) PC87365 Datasheet HTML 30Page - National Semiconductor (TI) PC87365 Datasheet HTML 31Page - National Semiconductor (TI) PC87365 Datasheet HTML 32Page - National Semiconductor (TI) PC87365 Datasheet HTML 33Page - National Semiconductor (TI) PC87365 Datasheet HTML 34Page - National Semiconductor (TI) PC87365 Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 215 page
background image
31
www.national.com
2.0
Device Architecture and Configuration
The PC87365 SuperI/O device comprises a collection of generic and proprietary functional blocks. Each functional block is
described in a separate chapter in this document. However, some parameters in the implementation of each functional block
may vary per SuperI/O device. This chapter describes the PC87365 structure and provides all logical device specific infor-
mation, including special implementation of generic blocks, system interface and device configuration.
2.1
OVERVIEW
The PC87365 consists of 13 logical devices, the host interface and a central set of configuration registers, all built around a
central internal bus. The internal bus is similar to an 8-bit ISA bus protocol. See Figure 1, which illustrates the blocks and
related logic.
The system interface serves as a bridge between the external LPC Interface and the internal bus. It supports 8-bit I/O Read,
8-bit I/O Write and 8-bit DMA transactions, as defined in Intel’s
LPC Interface Specification, Revision 1.0.
The central configuration register set supports ACPI-compliant PnP configuration. The configuration registers are structured as
a subset of the Plug and Play Standard registers, defined in Appendix A of the
Plug and Play ISA Specification, Revision 1.0a
by Intel and Microsoft. All system resources assigned to the functional blocks (I/O address space, DMA channels and IRQ lines)
are configured in, and managed by, the central configuration register set. In addition, some function-specific parameters are
configurable through the configuration registers and distributed to the functional blocks through special control signals.
2.2
CONFIGURATION STRUCTURE AND ACCESS
The configuration structure is comprised of a set of banked registers that are accessed via a pair of specialized registers.
2.2.1
The Index-Data Register Pair
Access to the SuperI/O configuration registers is via an Index-Data register pair, using only two system I/O byte locations.
The base address of this register pair is determined during reset, according to the state of the hardware strapping option on
the BADDR pin. Table 5 shows the selected base addresses as a function of BADDR.
Table 5. BADDR Strapping Options
The Index register is an 8-bit R/W register located at the selected base address (Base+0). It is used as a pointer to the con-
figuration register file and holds the index of the configuration register that is currently accessible via the Data register. Read-
ing the Index register returns the last value written to it (or the default of 00h after reset).
The Data register is an 8-bit virtual register, used as a data path to any configuration register. Accessing the Data register
actually accesses the configuration register that is currently pointed to by the Index register.
BADDR
I/O Address
Index Register
Data Register
0
2Eh
2Fh
1
4Eh
4Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com