Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV6888 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STV6888
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6888 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STV6888 Datasheet HTML 15Page - STMicroelectronics STV6888 Datasheet HTML 16Page - STMicroelectronics STV6888 Datasheet HTML 17Page - STMicroelectronics STV6888 Datasheet HTML 18Page - STMicroelectronics STV6888 Datasheet HTML 19Page - STMicroelectronics STV6888 Datasheet HTML 20Page - STMicroelectronics STV6888 Datasheet HTML 21Page - STMicroelectronics STV6888 Datasheet HTML 22Page - STMicroelectronics STV6888 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
STV6888
19/47
Vertical moiré
amplitude
0B
VOut
x0000000:
Null
x1111111:
Max.
Horizontal size
10h
EWOut
0000000x
1111111x
Keystone
correction
0D
EWOut
x0000000
x1111111
Pin cushion
correction
0C
EWOut
x0000000
x1111111
Top corner
correction
0E
EWOut
x1111111
x0000000
Bottom corner
correction
0F
EWOut
x1111111
x0000000
Function
Sad
Pin
Byte
Waveform
Effect on Screen
Vamp
t
nTV
(n+1)TV
(n-1)TV
VV-moiré
Vamp
t
nTV
(n+1)TV
(n-1)TV
tVR
0
½TVR
TVR
VEW-DC(min)
tVR
0
½TVR
TVR
VEW-DC(max)
VEW-key
VEW-DC
VEW-key
VEW-DC
tVR
0
½TVR
TVR
VEW-PCC(min)
tVR
0
½TVR
TVR
VEW-PCC(max)
tVR
0
½TVR
TVR
VEW-TCor(max)
tVR
0
½TVR
TVR
VEW-TCor(min)
tVR
0
½TVR
TVR
VEW-TBot(max)
tVR
0
½TVR
TVR
VEW-TBot(min)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com