Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV6888 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STV6888
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6888 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STV6888 Datasheet HTML 16Page - STMicroelectronics STV6888 Datasheet HTML 17Page - STMicroelectronics STV6888 Datasheet HTML 18Page - STMicroelectronics STV6888 Datasheet HTML 19Page - STMicroelectronics STV6888 Datasheet HTML 20Page - STMicroelectronics STV6888 Datasheet HTML 21Page - STMicroelectronics STV6888 Datasheet HTML 22Page - STMicroelectronics STV6888 Datasheet HTML 23Page - STMicroelectronics STV6888 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
STV6888
20/47
Note 43: For any H and V correction component of the waveforms onEWOut and VOut pins and for internal waveform for
corrections of H asymmetry, displayed in the table, weight of the other relevant components is nullified
(minimum for parabola, S-correction, medium for keystone, all corner corrections, C-correction, parallelogram,
parabola asymmetry correction, written in corresponding registers).
Parallelogram
correction
12h
x0000000
x1111111
Pin cushion
asymmetry
correction
11h
x0000000
x1111111
Vertical
dynamic
correction
amplitude
15h
VDyCor
01111111
Application dependent
x0000000
11111111
Function
Sad
Pin
Byte
Waveform
Effect on Screen
tParalC(min)
static phase
tVR
0
½TVR
TVR
tParalC(max)
static phase
tVR
0
½TVR
TVR
tVR
0
½TVR
TVR
tPCAC(max)
static
H-phase
tVR
0
½TVR
TVR
tPCAC(max)
static
H-phase
tVR
0
½TVR
TVR
VVD-V(max)
VVD-DC
VDyCorP
tVR
0
½TVR
TVR
VVD-V(max)
VVD-DC
tVR
0
½TVR
TVR
VVD-V(max)
VVD-DC
VDyCorP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com