Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV6888 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STV6888
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6888 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STV6888 Datasheet HTML 27Page - STMicroelectronics STV6888 Datasheet HTML 28Page - STMicroelectronics STV6888 Datasheet HTML 29Page - STMicroelectronics STV6888 Datasheet HTML 30Page - STMicroelectronics STV6888 Datasheet HTML 31Page - STMicroelectronics STV6888 Datasheet HTML 32Page - STMicroelectronics STV6888 Datasheet HTML 33Page - STMicroelectronics STV6888 Datasheet HTML 34Page - STMicroelectronics STV6888 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
STV6888
31/47
The frequency range in which the AGC loop can
regulate the amplitude also depends on this ca-
pacitor.
The C- and S-corrections of shape serve to com-
pensate for the vertical deflection system non-line-
arity. They are controlled via
CCOR and SCOR
I2C bus controls.
Shape-corrected sawtooth with regulated ampli-
tude is lead to amplitude control stage. The dis-
charge exponential is replaced by VVOB level,
which, under control of the CONTROLLER, cre-
ates a rapid falling edge and a flat part before be-
ginning of new ramp. Mean value of the waveform
output on pin VOut is adjusted by means of
VPOS
I2C bus control, its amplitude through
VSIZE I2C
bus control. Vertical moiré is superimposed.
The biasing voltage for external DC-coupled verti-
cal power amplifier is to be derived from VRefO
voltage provided on pin RefOut, using a resistor di-
vider, this to ensure the same temperature drift of
mean (DC) levels on both differential inputs and to
compensate for spread of VRefO value (and so
mean output value) between particular devices.
10.4.2 - Vertical moiré
To blur the interaction of deflection lines with CRT
mask grid pitch that can generate moiré pattern,
the picture position is to be alternated at half-frame
frequency. For this purpose, a square waveform at
half-frame frequency is superimposed on the out-
put waveform’s DC value. Its amplitude is adjusta-
ble through
VMOIRE I2C bus control,.
Figure 11. Vertical section block diagram
2
Synchro
Polarity
Controller
Discharge
22
Sampling
Sampling
Capacitance
S-correction
CCOR
C-correction
18
23
VVOB
sawtooth
REF
Charge current
Transconductance amplifier
(I2C)
SCOR (I2C)
20 VAGCCap
discharge
CCOR
VSIZE (I2C)
VMOIRE (I2C)
VPOS (I2C)
19
VOscF
VOut
VEHTIn
VCap
VSyn
OSC
Cap.
Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com