Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV6888 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STV6888
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6888 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STV6888 Datasheet HTML 34Page - STMicroelectronics STV6888 Datasheet HTML 35Page - STMicroelectronics STV6888 Datasheet HTML 36Page - STMicroelectronics STV6888 Datasheet HTML 37Page - STMicroelectronics STV6888 Datasheet HTML 38Page - STMicroelectronics STV6888 Datasheet HTML 39Page - STMicroelectronics STV6888 Datasheet HTML 40Page - STMicroelectronics STV6888 Datasheet HTML 41Page - STMicroelectronics STV6888 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
STV6888
38/47
10.8.4 - Composite output HLckVBk
The composite output HLckVBk provides, at the
same time, information about lock state of PLL1
and early vertical blanking pulse. As both signals
have two logical levels, a four level signal is used
to define the combination of the two. Schematic di-
agram putting together all safety functions and
composite PLL1 lock and V-blanking indication is
in Figure 15, the combinations, their respective
levels and the HLckVBk configuration in Figure 16.
The early vertical blanking pulse is obtained by a
logic combination of vertical synchronization pulse
and pulse corresponding to vertical oscillator dis-
charge. The combination corresponds to the draw-
ing in Figure 16. The blanking pulse is started with
the leading edge of any of the two signals, which-
ever comes first. The blanking pulse is ended with
the trailing edge of vertical oscillator discharge
pulse. The device has no information about the
vertical retrace time. Therefore, it does not cover,
by the blanking pulse, the whole vertical retrace
period. By means of BlankMode I2C bus bit, when
at 1 (default), the blanking level (one of two ac-
cording to PLL1 status) is made available on the
HLckVBk permanently. The permanent blanking,
irrespective of the BlankMode I2C bus bit, is also
provided if the supply voltage is low (under VCCEn
or VCCDis thresholds), if the X-ray protection is ac-
tive or if the V-drive signal is disabled by VOutEn
I2C bus bit.
Figure 16. Levels on HLckVBk composite output
HLckVBk
3
VCC
HPLL1 locked
V-early blanking
Yes
Yes
No
Yes
No
No
Yes
No
ISinkLckBlk
VOLckBlk
L1(H)+L2(L)
L1(L)+L2(H)
L1(H)+L2(H)
L1(L)+L2(L)
L1 - No blank/blank level
L2 - H-lock/unlock level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com