Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3121CD Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # THS3121CD
Description  LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3121CD Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS3121CD Datasheet HTML 3Page - Texas Instruments THS3121CD Datasheet HTML 4Page - Texas Instruments THS3121CD Datasheet HTML 5Page - Texas Instruments THS3121CD Datasheet HTML 6Page - Texas Instruments THS3121CD Datasheet HTML 7Page - Texas Instruments THS3121CD Datasheet HTML 8Page - Texas Instruments THS3121CD Datasheet HTML 9Page - Texas Instruments THS3121CD Datasheet HTML 10Page - Texas Instruments THS3121CD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
www.ti.com
THS3120, THS3121
SLOS420A – SEPTEMBER 2003 – REVISED NOVEMBER 2003
ELECTRICAL CHARACTERISTICS (continued)
V
S = ±5 V, RF = 750 Ω, RL = 50 Ω, and G = 2 (unless otherwise noted)
TYP
OVER TEMPERATURE
PARAMETER
TEST CONDITIONS
0
°C to
-40
°C to
MIN/TYP/
25
°C
25
°C
UNIT
70
°C
85
°C
MAX
POWER SUPPLY
Specified operating voltage
±5
±4.5
±4.5
±4.5
V
MIN
Maximum quiescent current
6.5
8
10
10
mA
MAX
Minimum quiescent current
6.5
4
3.5
3.5
mA
MIN
VS+ = 5.5 V to 4.5 V,
Power supply rejection (+PSRR)
80
72
67
67
dB
MIN
VS- = 5 V
VS+ = 5 V,
Power supply rejection (-PSRR)
75
67
62
62
dB
MIN
VS- = -5.5 V to -4.5 V
POWER-DOWN CHARACTERISTICS
Enable, REF = 0 V
≤ 0.8
Power-down voltage level
V
MAX
Power-down , REF = 0 V
≥ 0.2
Power-down quiescent current
PD = 0 V
200
450
500
500
µA
MAX
VPD = 0 V, REF = 0 V,
11
VPD quiescent current
µA
TYP
VPD = 3.3 V, REF = 0 V
11
Turnon time delay
90% of final value
4
µs
TYP
Turnoff time delay
10% of final value
6
Input impedance
3.4 || 1.7
k
Ω || pF
TYP
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com