Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3121CD Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # THS3121CD
Description  LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3121CD Datasheet(HTML) 12 Page - Texas Instruments

Back Button THS3121CD Datasheet HTML 8Page - Texas Instruments THS3121CD Datasheet HTML 9Page - Texas Instruments THS3121CD Datasheet HTML 10Page - Texas Instruments THS3121CD Datasheet HTML 11Page - Texas Instruments THS3121CD Datasheet HTML 12Page - Texas Instruments THS3121CD Datasheet HTML 13Page - Texas Instruments THS3121CD Datasheet HTML 14Page - Texas Instruments THS3121CD Datasheet HTML 15Page - Texas Instruments THS3121CD Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
www.ti.com
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0
1
2
3
4
5
6
7
8
Number of 150
Ω Loads
PAL
NTSC
Gain = 2,
RF = 649 Ω,
VS = ±15 V,
40 IRE - NTSC and PAL,
Worst Case
±100 IRE Ramp
0.01
0.1
1
10
100
1 M
10 M
100 M
1 G
f − Frequency − Hz
Gain = 2,
RF = 649 Ω,
VS = ±15 V
0
50
100
150
200
250
300
350
400
3
5
7
9
11
13
15
TA = −40°C
VS − Supply Voltage − ±V
TA = 85°C
TA = 25°C
−0.5
0
0.5
1
1.5
0
0.1
0.2
0.3
0.4 0.5
−1
0
1
2
3
4
5
6
t − Time − ms
Powerdown Pulse
Output Voltage
0.6 0.7
Gain = 5,
VI = 0.1 Vdc
RL = 50 Ω
VS = ±15 V and ±5 V
THS3120, THS3121
SLOS420A – SEPTEMBER 2003 – REVISED NOVEMBER 2003
TYPICAL CHARACTERISTICS (
±15 V) (continued)
CLOSED-LOOP OUTPUT
POWER-DOWN QUIESCENT
DIFFERENTIAL PHASE
IMPEDANCE
CURRENT
vs
vs
vs
NUMBER OF LOADS
FREQUENCY
SUPPLY VOLTAGE
Figure 27.
#IMPLIED #IMPLIED.
Figure 28.
TURNON AND TURNOFF
TIME DELAY
Figure 29.
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com