Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3121CD Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # THS3121CD
Description  LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3121CD Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS3121CD Datasheet HTML 4Page - Texas Instruments THS3121CD Datasheet HTML 5Page - Texas Instruments THS3121CD Datasheet HTML 6Page - Texas Instruments THS3121CD Datasheet HTML 7Page - Texas Instruments THS3121CD Datasheet HTML 8Page - Texas Instruments THS3121CD Datasheet HTML 9Page - Texas Instruments THS3121CD Datasheet HTML 10Page - Texas Instruments THS3121CD Datasheet HTML 11Page - Texas Instruments THS3121CD Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS
THS3120, THS3121
SLOS420A – SEPTEMBER 2003 – REVISED NOVEMBER 2003
FIGURE
±15-V graphs
Noninverting small signal gain frequency response
1, 2
Inverting small signal gain frequency response
3
0.1 dB flatness
4
Noninverting large signal gain frequency response
5
Inverting large signal gain frequency response
6
Frequency response capacitive load
7
Recommended RISO
vs Capacitive load
8
2nd Harmonic distortion
vs Frequency
9
3rd Harmonic distortion
vs Frequency
10
Harmonic distortion
vs Output voltage swing
11, 12
Slew rate
vs Output voltage step
13, 14
Noise
vs Frequency
15
Settling time
16, 17
Quiescent current
vs Supply voltage
18
Output voltage
vs Load resistance
19
Input bias and offset current
vs Case temperature
20
Input offset voltage
vs Case temperature
21
Transimpedance
vs Frequency
22
Rejection ratio
vs Frequency
23
Noninverting small signal transient response
24
Inverting large signal transient response
25
Overdrive recovery time
26
Differential gain
vs Number of loads
27
Differential phase
vs Number of loads
28
Closed loop output impedance
vs Frequency
29
Power-down quiescent current
vs Supply voltage
30
Turnon and turnoff time delay
31
±5-V graphs
Noninverting small signal gain frequency response
32
Inverting small signal gain frequency response
33
0.1 dB flatness
34
Slew rate
vs Output voltage step
35, 36
2nd Harmonic distortion
vs Frequency
37
3rd Harmonic distortion
vs Frequency
38
Harmonic distortion
vs Output voltage swing
39, 40
Noninverting small signal transient response
41
Inverting small signal transient response
42
Input bias and offset current
vs Case temperature
43
Overdrive recovery time
44
Settling time
45
Rejection ratio
vs Frequency
46
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com