Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3121CD Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # THS3121CD
Description  LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3121CD Datasheet(HTML) 16 Page - Texas Instruments

Back Button THS3121CD Datasheet HTML 12Page - Texas Instruments THS3121CD Datasheet HTML 13Page - Texas Instruments THS3121CD Datasheet HTML 14Page - Texas Instruments THS3121CD Datasheet HTML 15Page - Texas Instruments THS3121CD Datasheet HTML 16Page - Texas Instruments THS3121CD Datasheet HTML 17Page - Texas Instruments THS3121CD Datasheet HTML 18Page - Texas Instruments THS3121CD Datasheet HTML 19Page - Texas Instruments THS3121CD Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
www.ti.com
WIDEBAND, INVERTING OPERATION
_
+
THS3120
49.9
Ω
50
Ω Source
VI
+VS
RF
649
Ω
RG
649
Ω
+VS
2
+VS
2
_
+
THS3120
340
Ω
50
Ω Source
VI
VS
RF
681
Ω
+VS
2
+VS
2
59
Ω
RG
RT
RT
49.9
Ω
49.9
Ω
50
Ω LOAD
50
Ω LOAD
_
+
THS3120
RG
340
Ω
0.1
µF
6.8
µF
-VS
-15 V
50
Ω Source
+
VI
0.1
µF
6.8
µF
+
+VS
15 V
RF
681
Ω
RM
59
Ω
49.9
Ω
50
Ω LOAD
Video Distribution
SINGLE SUPPLY OPERATION
+
-
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
n Lines
VO(1)
VO(n)
75-
Ω Transmission Line
VI
649
Ω
649
Ω
-15 V
15 V
THS3120, THS3121
SLOS420A – SEPTEMBER 2003 – REVISED NOVEMBER 2003
Figure 46 shows the THS3121 in a typical inverting
gain configuration where the input and output im-
pedances and signal gain from Figure 45 are retained
in an inverting circuit configuration.
Figure 47. DC-Coupled, Single-Supply Operation
Figure 46. Wideband, Inverting Gain
Configuration
The wide bandwidth, high slew rate, and high output
drive current of the THS3120 and THS3121 matches
The THS3120 and THS3121 have the capability to
the demands for video distribution for delivering video
operate from a single supply voltage ranging from
signals down multiple cables. To ensure high signal
10 V to 30 V. When operating from a single power
quality with minimal degradation of performance, a
supply, biasing the input and output at mid-supply
0.1-dB gain flatness should be at least 7x the
allows for the maximum output voltage swing. The
passband frequency to minimize group delay vari-
circuits shown in Figure 47 shows inverting and
ations from the amplifier. A high slew rate minimizes
noninverting amplifiers configured for single supply
distortion
of
the
video
signal,
and
supports
operations.
component video and RGB video signals that require
fast transition times and fast settling times for high
signal quality.
Figure 48. Video Distribution Amplifier
Application
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com