Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3121CD Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS3121CD
Description  LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3121CD Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS3121CD Datasheet HTML 9Page - Texas Instruments THS3121CD Datasheet HTML 10Page - Texas Instruments THS3121CD Datasheet HTML 11Page - Texas Instruments THS3121CD Datasheet HTML 12Page - Texas Instruments THS3121CD Datasheet HTML 13Page - Texas Instruments THS3121CD Datasheet HTML 14Page - Texas Instruments THS3121CD Datasheet HTML 15Page - Texas Instruments THS3121CD Datasheet HTML 16Page - Texas Instruments THS3121CD Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
www.ti.com
TYPICAL CHARACTERISTICS (
±5 V)
−4
−2
0
2
4
6
8
10
12
14
16
18
20
22
24
1 M
10 M
100 M
1 G
f − Frequency − Hz
RL = 50 Ω,
VO = 0.2 VPP,
VS = ±5 V
G = 10, RF = 301 Ω
G = 5, RF = 499 Ω
G = 2, RF = 750 Ω
G = 1, RF = 909 Ω
100 M
-4
-2
0
2
4
6
8
10
12
14
16
18
20
22
24
1 M
10 M
1 G
f - Frequency - Hz
G = -1, RF = 750 Ω
G = -10, RF = 365 Ω
G = -5, RF = 499 Ω
G = -2, RF = 681 Ω
RL = 50 Ω,
VO = 0.2 VPP,
VS = ±5 V
5.7
5.8
5.9
6
6.1
6.2
6.3
1 M
10 M
100 M
Gain = 2,
RF = 750 Ω,
RL = 50 Ω,
VO = 0.2 VPP,
VS = ±5 V
f - Frequency - Hz
0
100
200
300
400
500
600
700
0
1
2
3
4
5
6
7
VO − Output Voltage −VPP
Gain = 2
RL = 50 Ω
RF = 750 Ω
VS = ±5 V
Fall
Rise
0
100
200
300
400
500
600
700
0
1
2
3
4
5
VO − Output Voltage −VPP
Gain = 1
RL = 50 Ω
RF = 909 Ω
VS = ±5 V
Fall
Rise
-90
-80
-70
-60
-50
-40
-30
1 M
10 M
100 M
f - Frequency - Hz
VO = 2 VPP,
RL = 100 Ω,
VS = ±5 V
G = -5, RF = 499 Ω
G = -2, RF = 649 Ω
100 k
-100
-90
-80
-70
-60
-50
-40
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
VO - Output Voltage Swing - VPP
HD3, RL = 50Ω
HD3, RL = 50Ω
Gain = 2,
RF = 649 Ω
f= 8 MHz
VS = ±5 V
HD3, RL = 499Ω
HD2, RL = 499Ω
-100
-95
-90
-85
-80
-75
-70
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
VO - Output Voltage Swing - VPP
HD3, RL = 50Ω
HD3, RL = 50Ω
HD2, RL = 499Ω
HD3, RL = 499Ω
Gain = 2,
RF = 649 Ω
f= 1 MHz
VS = ±5 V
-90
-80
-70
-60
-50
-40
-30
1 M
10 M
100 M
f - Frequency - Hz
VO = 2 VPP,
RL = 100 Ω,
VS = ±5 V
G = -5, RF = 499 Ω
G = -2, RF = 649 Ω
100 k
-100
THS3120, THS3121
SLOS420A – SEPTEMBER 2003 – REVISED NOVEMBER 2003
NONINVERTING SMALL SIGNAL
INVERTING SMALL SIGNAL
FREQUENCY RESPONSE
FREQUENCY RESPONSE
0.1 dB FLATNESS
Figure 30.
Figure 31.
Figure 32.
SLEW RATE
SLEW RATE
2nd HARMONIC DISTORTION
vs
vs
vs
OUTPUT VOLTAGE STEP
OUTPUT VOLTAGE STEP
FREQUENCY
Figure 33.
Figure 34.
Figure 35.
3rd HARMONIC DISTORTION
HARMONIC DISTORTION
HARMONIC DISTORTION
vs
vs
vs
FREQUENCY
OUTPUT VOLTAGE SWING
OUTPUT VOLTAGE SWING
Figure 36.
Figure 37.
Figure 38.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com