Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA7212 Datasheet(PDF) 91 Page - Dialog Semiconductor

Part # DA7212
Description  Ultra-low power stereo codec
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7212 Datasheet(HTML) 91 Page - Dialog Semiconductor

Back Button DA7212 Datasheet HTML 87Page - Dialog Semiconductor DA7212 Datasheet HTML 88Page - Dialog Semiconductor DA7212 Datasheet HTML 89Page - Dialog Semiconductor DA7212 Datasheet HTML 90Page - Dialog Semiconductor DA7212 Datasheet HTML 91Page - Dialog Semiconductor DA7212 Datasheet HTML 92Page - Dialog Semiconductor DA7212 Datasheet HTML 93Page - Dialog Semiconductor DA7212 Datasheet HTML 94Page - Dialog Semiconductor DA7212 Datasheet HTML 95Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 129 page
background image
DA7212
Ultra-low power stereo codec
Company confidential
Datasheet
Revision 3c
24-Nov-2015
91 of 129
© 2015 Dialog Semiconductor
14.6 System controller registers
Register
address
Bit
Type
Label
Default
Description
0x50
SYSTEM_M
ODES_INPU
T
7
R/W
ADC_R
0
Preconfigured system mode - ADC_R Control
0 = ADC_R not used
1 = use ADC R
6
R/W
ADC_L
0
Preconfigured system mode - ADC_L Control
0 = ADC_L not used
1 = use ADC L
5
R/W
MIXIN_R
0
Preconfigured system mode
– IN_R Control
0 = IN R amplifier not used
1 = use IN_R amplifer
4
R/W
MIXIN_L
0
Preconfigured system mode
– IN_L Control
0 = IN L amplifier not used
1 = use IN_L amplifer
3
R/W
MIC_2
0
Preconfigured system mode
– MIC_2 Control
0 = MIC 2 amplifier not used
1 = use MIC 2 amplifier
2
R/W
MIC_1
0
Preconfigured system mode
– MIC_1 Control
0 = MIC 1 amplifier not used
1 = use MIC 1 amplifier
1
R/W
(Reserved)
0
0
R/W
MODE_SUBMIT
0
System Controller 2 activation control
0 = ADC_mode and DAC_mode inactive
1 = ADC_mode and DAC_mode active
This register bit is a duplicate of
MODE_SUBMIT (reg 0x51[0]). Either register
can be used to activate System Controller 2.
This bit is self-clearing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com