Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA7212 Datasheet(PDF) 11 Page - Dialog Semiconductor

Part # DA7212
Description  Ultra-low power stereo codec
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7212 Datasheet(HTML) 11 Page - Dialog Semiconductor

Back Button DA7212 Datasheet HTML 7Page - Dialog Semiconductor DA7212 Datasheet HTML 8Page - Dialog Semiconductor DA7212 Datasheet HTML 9Page - Dialog Semiconductor DA7212 Datasheet HTML 10Page - Dialog Semiconductor DA7212 Datasheet HTML 11Page - Dialog Semiconductor DA7212 Datasheet HTML 12Page - Dialog Semiconductor DA7212 Datasheet HTML 13Page - Dialog Semiconductor DA7212 Datasheet HTML 14Page - Dialog Semiconductor DA7212 Datasheet HTML 15Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 129 page
background image
DA7212
Ultra-low power stereo codec
Company confidential
Datasheet
Revision 3c
24-Nov-2015
11 of 129
© 2015 Dialog Semiconductor
4
Absolute maximum ratings
Table 3: Absolute maximum ratings
Parameter
Description
Conditions (Note 1)
Min
Max
Unit
Storage temperature
-65
+165
°C
Ta
Operating temperature
-40
+85
°C
VDD_SP
Supply voltages
-0.3
6.0
V
VDD_A
-0.3
2.75
V
VDD_IO
VDD_MIC
-0.3
5.5
V
SDA
SCL
BCLK
WCLK
DATIN
DATOUT
Digital interface signals
-0.3
VDD_IO
+ 0.3
V
Package thermal resistance
60
°C/W
ESD susceptibility
Human body model
2
kV
Note 1
Stre
sses beyond those listed under ‘Absolute maximum ratings’ may cause permanent damage to the
device. These are stress ratings only, so functional operation of the device at these or any other
conditions beyond those indicated in the operational sections of the specification are not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
5
Recommended operating conditions
Table 4: Recommended operating conditions
Parameter
Description
Conditions
Min
Typ
Max
Unit
Ta
Operating temperature
-40
+85
°C
VDD_A
Supply voltages
1.6
2.65
V
VDD_IO
1.5
3.6
V
VDD_MIC
1.8
3.6
V
VDD_SP
0.95
5.25
V
Note 2
If the speaker output is not used then VDD_SP can be left unconnected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com