Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA7212 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # DA7212
Description  Ultra-low power stereo codec
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7212 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button DA7212 Datasheet HTML 17Page - Dialog Semiconductor DA7212 Datasheet HTML 18Page - Dialog Semiconductor DA7212 Datasheet HTML 19Page - Dialog Semiconductor DA7212 Datasheet HTML 20Page - Dialog Semiconductor DA7212 Datasheet HTML 21Page - Dialog Semiconductor DA7212 Datasheet HTML 22Page - Dialog Semiconductor DA7212 Datasheet HTML 23Page - Dialog Semiconductor DA7212 Datasheet HTML 24Page - Dialog Semiconductor DA7212 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 129 page
background image
DA7212
Ultra-low power stereo codec
Company confidential
Datasheet
Revision 3c
24-Nov-2015
21 of 129
© 2015 Dialog Semiconductor
Table 17: True ground headphone amplifier
From DAC_L/DAC_R to (HP_L/HP_R)
Parameter
Description
Conditions
Min
Typ
Max
Unit
VMAX
Full-scale output signal
No load
1.6×VDD_A
VPP
DC output offset
HP Gain < -30 dB
100
µV
PMAX
Maximum power per
channel
VDD_A = 1.6 V
THD < 0.1 %
RLOAD=16 Ω, 1 kHz
L = 23
R = 23
mWRMS
VDD_A = 1.8 V
THD < 0.1 %
RLOAD=16 Ω, 1 kHz
L = 29
R = 29
mWRMS
VDD_A = 2.5 V
THD < 0.1 %
RLOAD=16 Ω, 1 kHz
L = 67
R = 67
mWRMS
RLOAD
LLOAD
CLOAD
Load impedance
13
16
400
500
Ω
µH
pF
Frequency response
±0.5 dB
20
20k
Hz
Amplitude ripple
20 Hz to 20 kHz
-0.5
+0.5
dB
Programmable gain
-56
+6
dB
Mute attenuation
70
dB
Programmable gain step
size
1.0
dB
Absolute gain accuracy
0 dB @ 1 kHz
-0.8
+0.8
dB
Input gain L/R-mismatch
20 Hz to 20 kHz
-0.1
+0.1
dB
Input gain step error
20 Hz to 20 kHz
-0.1
+0.1
dB
SNR
Signal to noise ratio
A-weighted
gain = 0 dB
VDD_A = 2.5 V
VDD_A = 1.8 V
RLOAD=16 Ω
100
98
dB
VNOISE
Output noise level
20 to 20 kHz,
non A-weighted
gain < -20 dB
2.5
µVrms
THD+N
Total harmonic distortion
plus noise
VDD_A = 1.6 V
-5 dBFS
RLOAD=16 Ω
-87
dB
PSRR with
respect to
VDD_A
Power supply rejection
ratio
20 Hz
– 2 kHz
2 kHz
– 20 kHz
70
50
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com